Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4126 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # PE4126
Description  High Linearity Quad MOSFET Mixer for DCS 1800 BTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4126 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

  PE4126 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4126 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4126 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4126 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4126 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4126 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4126 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4126 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product Specification
PE4126
Page 8 of 8
©2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0045-04
│ UltraCMOS™ RFIC Solutions
Sales Offices
The Americas
Peregrine Semiconductor Corporation
9450 Carroll Park Drive
San Diego, CA 92121
Tel 858-731-9400
Fax 858-731-9499
North Asia Pacific
Peregrine Semiconductor K.K.
5A-5, 5F Imperial Tower
1-1-1 Uchisaiwaicho, Chiyoda-ku
Tokyo 100-0011 Japan
Tel: +81-3-3502-5211
Fax: +81-3-3502-5213
Peregrine Semiconductor, Korea
#B-2402, Kolon Tripolis, #210
Geumgok-dong, Bundang-gu, Seongnam-si
Gyeonggi-do, 463-480 S. Korea
Tel: +82-31-728-4300
Fax: +82-31-728-4305
Europe
Peregrine Semiconductor Europe
Bâtiment Maine
13-15 rue des Quatre Vents
F- 92380 Garches, France
Tel: +33-1-47-41-91-73
Fax : +33-1-47-41-91-73
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data
sheet contains design target specifications for product
development. Specifications and features may change in
any manner without notice.
Preliminary Specification
The data sheet contains preliminary data. Additional data
may be added at a later date. Peregrine reserves the right
to change specifications at any time without notice in order
to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine
decides to change the specifications, Peregrine will notify
customers of the intended changes by issuing a DCN
(Document Change Notice).
The information in this data sheet is believed to be reliable.
However, Peregrine assumes no liability for the use of this
information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this
data sheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in
devices or systems intended for surgical implant, or in other
applications intended to support or sustain life, or in any
application in which the failure of the Peregrine product could
create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including
consequential or incidental damages, arising out of the use of
its products in such applications.
The Peregrine name, logo, and UTSi are registered trademarks
and UltraCMOS and HaRP are trademarks of Peregrine
Semiconductor Corp.
South Asia Pacific
Peregrine Semiconductor, China
Shanghai, 200040, P.R. China
Tel: +86-21-5836-8276
Fax: +86-21-5836-7652
Space and Defense Products
Americas:
Tel: 505-881-0438
Fax: 505-881-0443
Europe, Asia Pacific:
180 Rue Jean de Guiramand
13852 Aix-En-Provence cedex 3, France
Tel: +33(0) 4 4239 3361
Fax: +33(0) 4 4239 7227


Similar Part No. - PE4126

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4126 PASTERNACK-PE4126 Datasheet
228Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Stub Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126 Datasheet
323Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
PE4126 PASTERNACK-PE4126_16 Datasheet
323Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .340 inch Hole Spacing
More results

Similar Description - PE4126

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
   High Linearity Quad MOSFET Mixer for PCS & 3G BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4124 PEREGRINE-PE4124 Datasheet
265Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
   High Linearity UltraCMOS??Quad MOSFET Mixer
logo
SIRENZA MICRODEVICES
STM-2116 SIRENZA-STM-2116 Datasheet
181Kb / 6P
   1800 - 2100 MHz High Linearity Active Transmit Mixer
logo
ATMEL Corporation
ATR0786 ATMEL-ATR0786 Datasheet
184Kb / 12P
   High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
logo
Stanford Microdevices
STM-2016 STANFORD-STM-2016 Datasheet
134Kb / 7P
   1800 - 2200 MHz High Linearity Silicon Germanium Active Transmit Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
WJ Communication. Inc.
CV111-1A WJCI-CV111-1A Datasheet
238Kb / 4P
   PCS/DCS-band High Linearity Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com