Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3512-EK Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE3512-EK
Description  1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3512-EK Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE3512-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3512-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3512-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3512-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3512-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3512-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3512-EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3512-EK Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PE3512
Page 2 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0107-03
│ UltraCMOS™ RFIC Solutions
Table 2. DC Electrical Characteristics (-40° C
≤ T
A ≤ 85° C)
Table 3. AC Characteristics (-40° C
≤ T
A ≤ 85° C)
Table 4. Typical Output Swing (VDD = 2.7 V)
* See figure 5 for AC test circuit
Symbol
Parameter
Condition
Typical
Unit
VIH
High Level Input Voltage
2.7 V ≤ VDD ≤ 3.3 V
2.0
V
VIL
Low Level Input Voltage
2.7 V ≤ VDD ≤ 3.3 V
0.8
V
VOH
High Level Output Voltage
VDD = 2.7 V; IOH = 2.9 mA
2.2
V
VOL
Low Level Output Voltage
VDD = 2.7 V; IOL = 2.6 mA
0.4
V
Symbol
Parameter
Condition*
Typical
Unit
tPHL
Propagation Delay
(High to Low)
50 MHz Pulse Train Input;
CL = 10 pF, RL = 500 Ω
3.0
ns
tPLH
Propagation Delay
(Low to High)
50 MHz Pulse Train Input;
CL = 10 pF, RL = 500 Ω
3.2
ns
tr
Output Rise Time
(10% to 90%)
50 MHz Pulse Train Input;
CL = 10 pF, RL = 500 Ω
2.0
ns
tf
Output Fall Time
(90% to 10%)
50 MHz Pulse Train Input;
CL = 10 pF, RL = 500 Ω
2.0
ns
Frequency
Condition
Typical
Unit
50 MHz
200 mVp-p Sinusoidal Input;
CL = 10 pF, RL = 500 Ω
2.3
Vp-p
500 MHz
200 mVp-p Sinusoidal Input;
CL = 10 pF, RL = 500 Ω
2.2
Vp-p
1500 MHz
200 mVp-p Sinusoidal Input;
CL = 10 pF, RL = 500 Ω
1.7
Vp-p


Similar Part No. - PE3512-EK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35121 PASTERNACK-PE35121 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
PE35121-12 PASTERNACK-PE35121-12 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
PE35121-24 PASTERNACK-PE35121-24 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
PE35121-36 PASTERNACK-PE35121-36 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
PE35121-48 PASTERNACK-PE35121-48 Datasheet
95Kb / 1P
   CABLE ASSEMBLY, PE-SR402FL, 3.5mm MALE TO 3.5mm FEMAIL
More results

Similar Description - PE3512-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com