Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4124 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE4124
Description  High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4124 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  PE4124 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4124 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4124 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4124 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4124 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4124 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4124 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4124 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
PE4124
Page 6 of 8
©2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0043-04
│ UltraCMOS™ RFIC Solutions
Figure 16. Conversion Loss across LO Drive
Table 5. Spurious Response
Figure 15. Input IP3 across LO Drive
Table 6. Spurious Response
Typical Performance Data @ +25 °C (RF=3 dBm, IF=70 MHz)
Normalized to dB below PIF
(RF=870 MHz @ 3 dBm, LO = 800 MHz @ 17 dBm, low side)
Normalized to dB below PIF
(RF=870 MHz @ 3 dBm, LO = 800 MHz @ 17 dBm, low side)
10
15
20
25
30
35
800
840
880
920
960
Frequency (MHz)
LO = 20dBm
LO = 17dBm
LO = 14dBm
LO = 11dBm
LO = 8dBm
LO =5dBm
LO = 2dBm
LO = -1dBm
6
8
10
12
14
16
18
800
840
880
920
960
Frequency (MHz)
LO = -1dBm
LO = 2dBm
LO = 5dBm
LO = 8dBm
LO = 11dBm
LO =14dBm
LO = 17dBm
LO =20dBm
mFRF + nFLO
nFLO
mFRF
0
1
2
3
4
0
--
30
22
33
28
1
28
2
32
23
39
2
50
48
47
64
52
3
>85
65
73
63
74
4
>85
>85
>85
>85
>85
mFRF - nFLO
nFLO
mFRF
0
1
2
3
4
0
--
30
22
33
28
1
28
0
29
13
39
2
50
46
52
54
48
3
>85
63
75
76
71
4
>85
>85
>85
>85
>85


Similar Part No. - PE4124

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4124 PASTERNACK-PE4124 Datasheet
228Kb / 3P
   SMA Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
More results

Similar Description - PE4124

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
   High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
   High Linearity Quad MOSFET Mixer for PCS & 3G BTS
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
   High Linearity UltraCMOS??Quad MOSFET Mixer
logo
List of Unclassifed Man...
MH203 ETC-MH203 Datasheet
140Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
logo
WJ Communication. Inc.
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com