Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3512-02 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # 3512-02
Description  1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3512-02 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

  3512-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 3512-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3512-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3512-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3512-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3512-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3512-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3512-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Product Specification
PE3512
Page 7 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0107-03
│ www.psemi.com
Table 7. Ordering Information
Figure 11. Package Drawing
6-lead SC-70
1.80
2.20
0.65
BSC
1.80
2.40
1.15
1.35
0.15
0.30
0.80
1.10
0.80
1.00
0.10
0.30
0.10
0.40
0.10
0.18
0.00
0.10
Order Code
Part Marking
Description
Package
Shipping Method
3512-01
512
PE3512-06SC70-7680A
6-lead SC-70
7680 units / Canister
3512-02
512
PE3512-06SC70-3000C
6-lead SC-70
3000 units / T&R
3512-00
PE3512-EK
PE3512-06SC70-EK
Evaluation Kit
1 / Box
3512-51
512
PE3512G-06SC70-7680A
Green 6-lead SC-70
7680 units / Canister
3512-52
512
PE3512G-06SC70-3000C
Green 6-lead SC-70
3000 units / T&R


Similar Part No. - 3512-02

ManufacturerPart #DatasheetDescription
logo
Lumberg
3512-1 LUMBERG-3512-1 Datasheet
110Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3512-1 LUMBERG-3512-1 Datasheet
403Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3512-102 LUMBERG-3512-102 Datasheet
110Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3512-102 LUMBERG-3512-102 Datasheet
403Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
3512-103 LUMBERG-3512-103 Datasheet
110Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results

Similar Description - 3512-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com