Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3342-33 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 3342-33
Description  2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3342-33 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  3342-33 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 3342-33 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3342-33 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3342-33 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3342-33 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3342-33 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3342-33 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3342-33 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3342-33 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Product Specification
PE3342
Page 4 of 17
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0091-03
│ UltraCMOS™ RFIC Solutions
Table 5. DC Characteristics
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operational supply current;
Prescaler enabled
VDD = 2.85 to 3.15 V
20
30
mA
Digital Inputs: S_WR, Data, Clock
VIH
High-level input voltage
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low-level input voltage
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High-level input current
VIH = VDD = 3.15 V
+1
µA
IIL
Low-level input current
VIL = 0, VDD = 3.15 V
-1
µA
Digital inputs: ENH
, EESel (contains a 70 kΩ pull-up resistor)
VIH
High-level input voltage
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low-level input voltage
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High-level input current
VIH = VDD = 3.15 V
+1
µA
IIL
Low-level input current
VIL = 0, VDD = 3.15 V
-100
µA
Digital inputs: FSel, EELoad, E_WR (contains a 70 k
Ω pull-down resistor)
VIH
High-level input voltage
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low-level input voltage
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High-level input current
VIH = VDD = 3.15 V
+100
µA
IIL
Low-level input current
VIL = 0, VDD = 3.15 V
-1
µA
EE Memory Programming Voltage and Current: VPP, IPP
VPP_WRITE
EEPROM write voltage
12.5
V
VPP_ERASE
EEPROM erase voltage
-8.5
V
IPP_WRITE
EEPROM write cycle current
30
mA
IPP_ERASE
EEPROM erase cycle current
-10
mA
Reference Divider input: fr
IIHR
High-level input current
VIH = VDD = 3.15 V
+100
µA
IILR
Low-level input current
VIL = 0, VDD = 3.15 V
-100
µA
Counter output: Dout
VOLD
Output voltage LOW
Iout = 6 mA
0.4
V
VOHD
Output voltage HIGH
Iout = -3 mA
VDD - 0.4
V
Lock detect outputs: (CEXT, LD)
VOLC
Output voltage LOW, CEXT
Iout = 0.1 mA
0.4
V
VOHC
Output voltage HIGH, CEXT
Iout = -0.1 mA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
Iout = 1 mA
0.4
V


Similar Part No. - 3342-33

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3342-312-SMA KR-3342-312-SMA Datasheet
98Kb / 3P
   KR Electronics part number 3342-312-SMA is a 312 MHz bandpass filter
logo
3M Electronics
3342-32 3M-3342-32 Datasheet
1Mb / 10P
   3M I/O Connector Mounting Options and Hardware
More results

Similar Description - 3342-33

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com