Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3501-EK Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE3501-EK
Description  3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3501-EK Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE3501-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3501-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3501-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3501-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3501-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3501-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3501-EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3501-EK Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE3501
Page 5 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0111-03
│ www.psemi.com
Table 4. S11
Table 5. S22
Input Freq (GHz) S11 Magnitude (dB)
S11 Angle (deg)
0.4
-0.5523
-9.337
0.5
-0.6707
-11.253
0.6
-0.806
-13.193
0.7
-0.9642
-14.8
0.8
-1.109
-15.929
0.9
-1.1263
-17.103
1.0
-1.152
-18.594
1.1
-1.1703
-20.722
1.2
-1.2353
-22.915
1.3
-1.4078
-25.66
1.4
-1.6207
-28.199
1.5
-1.8965
-30.249
1.6
-2.1032
-31.079
1.7
-1.9731
-32.514
1.8
-1.8229
-36.258
1.9
-1.8517
-40.604
2.0
-2.0308
-44.918
2.1
-2.1353
-48.91
2.2
-2.2884
-53.156
2.3
-2.397
-56.979
2.4
-2.4811
-61.184
2.5
-2.5498
-64.955
2.6
-2.6367
-68.656
2.7
-2.655
-72.265
2.8
-2.7216
-75.379
2.9
-2.691
-78.326
3.0
-2.6813
-80.734
3.1
-2.6933
-82.87
3.2
-2.6638
-84.784
3.3
-2.6461
-86.468
3.4
-2.6266
-87.788
3.5
-2.5917
-89.118
Output Freq
(GHz)
S22 Magnitude (dB) S22 Angle (deg)
0.20
-8.7615
26.726
0.25
-8.2705
21.393
0.30
-7.7885
16.647
0.35
-7.6058
10.297
0.40
-7.7922
6.2004
0.45
-8.2309
2.4335
0.50
-8.5583
-0.3158
0.55
-8.8751
-0.2458
0.60
-8.8599
-3.0515
0.65
-9.1496
-2.6752
0.70
-8.8648
-6.0631
0.75
-9.0828
-5.7925
0.80
-9.2022
-6.8019
0.85
-9.2727
-9.3617
0.90
-9.6494
-12.806
0.95
-9.4383
-14.454
1.00
-9.5217
-16.286
1.05
-9.6043
-19.118
1.10
-9.7282
-23.597
1.15
-9.8069
-25.461
1.20
-9.8221
-29.038
1.25
-9.8694
-32.629
1.30
-9.8693
-34.669
1.35
-9.8667
-40.785
1.40
-9.8509
-43.139
1.45
-9.9141
-46.745
1.50
-9.7063
-51.695
1.55
-9.8686
-54.805
1.60
-9.4836
-56.589
1.65
-9.4498
-62.744
1.70
-9.3233
-66.237
1.75
-9.2206
-66.07
Figure 8. S11 vs. Input Frequency (VDD = 3 V)
Figure 9. S22 vs. Output Frequency (VDD = 3 V)
Freq (400.0MHz to 3.500GHz)
Freq (200.0MHz to 1.750GHz)


Similar Part No. - PE3501-EK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3501 PASTERNACK-PE3501 Datasheet
115Kb / 1P
   CABLE ASSEMBLY , RG58C/U, BNC MALE TO STANDARD ALLIGATOR CLIPS
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results

Similar Description - PE3501-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com