Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6561 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN6561
Description  Dual Operational Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6561 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN6561 Datasheet HTML 1Page - Panasonic Semiconductor AN6561 Datasheet HTML 2Page - Panasonic Semiconductor AN6561 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
s Characteristics Curve
VI (offset) –VCC
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
4
8
12
16
Supply Voltage VCC (V)
20
24
28
32
IIO –VCC
15
10
5
0
–5
–10
–15
0
4
8
12
16
Supply Voltage VCC (V)
20
24
28
32
IBias–VCC
80
70
60
50
40
30
20
10
0
0
4
8
12
16
Supply Voltage VCC (V)
20
24
28
32
GV – f
120
100
80
60
40
20
0
1
100
1k
10k
10
100k
1M
Frequency f (Hz)
ICC –VCC
1.2
1.0
0.8
0.6
0.4
0.2
0
8 12 16
4
20242832364044
Supply Voltage VCC (V)
IO (Source), ISINK–Ta
60
50
40
30
20
10
0
–20
20
40
60
0
80
100
Ambient Temperature Ta (˚C)
VO – fi
16
14
12
10
8
6
4
2
0
100
3k
10k
1k
30k
300
100k
1M
300k
Input Frequency fi (Hz)
Vin, VO – t
4
3
2
1
0
3
2
1
0
0
20406080
100
Time t (
µs)
GV –VCC
140
120
100
80
60
08
12
4
1620242832
Supply Voltage VCC (V)
Ta=25˚C
Ta=25˚C
VCC=15V
Ta=25˚C
(1) Ta= –20˚C
(2) Ta=25˚C
(3) Ta=75˚C
IO (source)
ISINK
(1)
(2)
(3)
IO (source)
Vin
Vin
+
VI
1k
100k
2k
VO
VCC=15V
+
VCC
2
VCC= –15V
2k
VO
+
VI


Similar Part No. - AN6561

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6562 PANASONIC-AN6562 Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6562S PANASONIC-AN6562S Datasheet
32Kb / 3P
   Dual Operational Amplifiers
AN6564 PANASONIC-AN6564 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
AN6564NS PANASONIC-AN6564NS Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
   Dual High Output Current Operational Amplifiers
More results

Similar Description - AN6561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com