Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3502 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE3502
Description  3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3502 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE3502 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3502 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Specification
PE3502
Page 5 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0046-04
│ www.psemi.com
Evaluation Kit
Figure 9. Evaluation Board Layouts
Figure 10. Evaluation Board Schematic
Peregrine Specification 102/0055
Peregrine Specification 101/0035
Applications Support
If you have a problem with your evaluation kit or if you
have applications questions call (858) 731-9400 and
ask for applications support. You may also contact us
by fax or e-mail:
Fax: (858) 731-9499
E-Mail: help@psemi.com
Evaluation Kit Operation
The MSOP Prescaler Evaluation Board was designed
to help customers evaluate the PE3502 Divide-by-4
Prescaler. On this board, the device input (pin 2) is
connected to connector J1 through a 50
Ω transmission
line. A series capacitor (C3) provides the necessary
DC block for the device input. It is important to note
that the value of this capacitance will impact the
performance of the device. A value of 15 pF was found
to be optimal for this board layout; other applications
may require a different value.
The device output (pin 7) is connected to connector J3
through a 50
Ω transmission line. A series capacitor
(C1) provides the necessary DC block for the device
output. Note that this capacitor must be chosen to
have a low impedance at the desired output frequency
the device. The value of 100 pF was chosen to provide
a wide operating range for the evaluation board.
The board is constructed of a two-layer FR4 material
with a total thickness of 0.031”. The bottom layer
provides ground for the RF transmission lines. The
transmission lines were designed using a coplanar
waveguide above ground plane model with trace width
of 0.030”, trace gaps of 0.007”, dielectric thickness of
0.028”, metal thickness of 0.0014” and
ε
r of 4.4.
Note
that the predominate mode for these transmission lines
is coplanar waveguide. J2 provides DC power to the
device. Starting from the lower left pin, the second pin
to the right (J2-3) is connected to the device VDD pin (1).
Two decoupling capacitors (10 pF, 1000 pF) are
included on this trace. It is the responsibility of the
customer to determine proper supply decoupling for
their design application.
The DEC pin (3) must be connected to a low
impedance AC ground for proper device operation. On
the board, two decoupling capacitors (C6 = 10 nF, C4 =
10 pF), located on the back of the board, perform this
function.


Similar Part No. - PE3502

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35021 PASTERNACK-PE35021 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-12 PASTERNACK-PE35021-12 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-24 PASTERNACK-PE35021-24 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-36 PASTERNACK-PE35021-36 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-48 PASTERNACK-PE35021-48 Datasheet
85Kb / 1P
   CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
More results

Similar Description - PE3502

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com