Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3340-12 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 3340-12
Description  3.0 GHz Integer-N PLL for Low Phase Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3340-12 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  3340-12 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 3340-12 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3340-12 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3340-12 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3340-12 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3340-12 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3340-12 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3340-12 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3340-12 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PE3340
Advance Information
Copyright
© Peregrine Semiconductor Corp. 2004
File No. 70/0040~02A
|
UTSi ® CMOS RFIC SOLUTIONS
Page 2 of 12
Figure 2. Pin Configuration
Table 1. Pin Descriptions
Pin No.
Pin Name
Type
Description
1
VDD
(Note 1)
Power supply input. Input may range from 2.85 V to 3.15 V. Bypassing required.
2
Enh
Input
Enhancement mode. When asserted low (“0”), enhancement register bits are functional. Internal 70 k
pull-up
resistor.
3
S_WR
Input
Serial load enable input. While S_WR is “low”, Sdata can be serially clocked. Primary register data are
transferred to the secondary register on S_WR rising edge.
4
Sdata
Input
Binary serial data input. Input data entered MSB first.
5
Sclk
Input
Serial clock input. Sdata is clocked serially into the 20-bit primary register (E_WR “low”) or the 8-bit
enhancement register (E_WR “high”) on the rising edge of Sclk.
6
GND
Ground.
7
FSELS
Input
Selects contents of primary register (FSELS=1) or secondary register (FSELS=0) for programming of internal
counters. Internal 70 k
pull-down resistor.
8
E_WR
Input
Enhancement register write enable. While E_WR is “high”, Sdata can be serially clocked into the enhancement
register on the rising edge of Sclk. Internal 70 k
pull-down resistor.
9
VDD
(Note 1)
Same as pin 1.
10
Fin
Input
Prescaler input from the VCO. Max frequency input is 3.0 GHz.
11
Fin
Input
Prescaler complementary input. A bypass capacitor should be placed as close as possible to this pin and be
connected in series with a 50
resistor to the ground plane.
12
GND
Ground.
13
Cext
Output
Logical “NAND” of PD_U and PD_D terminated through an on chip, 2 k
series resistor. Connecting Cext to an
external capacitor will low pass filter the input to the inverting amplifier used for driving LD.
14
LD
Output
Lock detect is an open drain logical inversion of CEXT. When the loop is in lock, LD is high impedance,
otherwise LD is a logic low (“0”).
15
Dout
Output
Data out function, Dout, enabled in enhancement mode.
16
VDD
(Note 1)
Same as pin 1.
V
DD
1
Enh
2
S_WR
3
Sdata
4
Sclk
5
GND
6
FSELS
7
E_WR
8
V
DD
9
F
in
10
F
in
11
GND
12
Cext
13
LD
14
Dout
15
V
DD
16
PD_D
17
PD_U
18
GND
19
f
r
20


Similar Part No. - 3340-12

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3340-SMA KR-3340-SMA Datasheet
143Kb / 3P
   1700 MHzBandpass Filter
More results

Similar Description - 3340-12

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE83336 PEREGRINE-PE83336 Datasheet
277Kb / 14P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com