Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3335-24 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # 3335-24
Description  3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3335-24 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button 3335-24 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3335-24 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3335-24 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3335-24 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3335-24 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3335-24 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 3335-24 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 3335-24 Datasheet HTML 12Page - Peregrine Semiconductor Corp. 3335-24 Datasheet HTML 13Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Product Specification
PE3335
Page 9 of 15
Document No. 70-0049-02
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
input is “low”, serial input data (Sdata input), B0 to
B7, are clocked serially into the enhancement
register on the rising edge of Sclk, MSB (B0) first.
The enhancement register is double buffered to
prevent inadvertent control changes during serial
loading, with buffer capture of the serially entered
data performed on the falling edge of E_WR
according to the timing diagram shown in Figure
5. After the falling edge of E_WR, the data provide
control bits as shown in Table 8 with bit
functionality enabled by asserting the
Enh input
“low”.
Direct Interface Mode
Direct Interface Mode is selected by setting the
Bmode input “high”.
Counter control bits are set directly at the pins as
shown in Table 7. In Direct Interface Mode, main
counter inputs M7 and M8, and R Counter inputs
R4 and R5 are internally forced low (“0”).
MSB (first in)
(last in) LSB
Table 7. Primary Register Programming
Table 8. Enhancement Register Programming
*Serial data clocked serially on Sclk rising edge while E_WR “low” and captured in secondary register on S_WR rising edge.
*Serial data clocked serially on Sclk rising edge while E_WR “high” and captured in the double buffer on E_WR falling edge.
MSB (first in)
(last in) LSB
Interface
Mode
Enh
Bmode
Smode
R5
R4
M8
M7
Pre_en
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
Parallel
1
0
0
M2_WR rising edge load
M1_WR rising edge load
A_WR rising edge load
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Serial*
1
0
1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
Direct
1
1
X
0
0
0
0
Pre_en
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
Interface
Mode
Enh
Bmode
Smode
Reserved
Reserved
Reserved
Power
down
Counter
load
MSEL
output
Prescaler
output
fc, fp OE
Parallel
0
X
0
E_WR rising edge load
D7
D6
D5
D4
D3
D2
D1
D0
Serial*
0
X
1
B0
B1
B2
B3
B4
B5
B6
B7


Similar Part No. - 3335-24

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3335-1017 KR-3335-1017 Datasheet
74Kb / 3P
   KR Electronics part number 3335-1017 is a 1017 MHz Bandpass filter.
3335-1159 KR-3335-1159 Datasheet
75Kb / 3P
   KR Electronics part number 3335-1159 is a 1159 MHz Bandpass filter.
More results

Similar Description - 3335-24

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
logo
Peregrine Semiconductor...
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com