Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3335-21 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 3335-21
Description  3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3335-21 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button 3335-21 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3335-21 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3335-21 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3335-21 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3335-21 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3335-21 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3335-21 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3335-21 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3335-21 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Product Specification
PE3335
Page 6 of 15
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0049-02
│ UltraCMOS™ RFIC Solutions
Table 6. AC Characteristics: VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
Control Interface and Latches (see Figures 3, 4, 5)
fClk
Serial data clock frequency
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tDSU
Sdata set-up time after Sclk rising edge, D[7:0] set-up time
to M1_WR, M2_WR, A_WR, E_WR rising edge
10
ns
tDHLD
Sdata hold time after Sclk rising edge, D[7:0] hold time to
M1_WR, M2_WR, A_WR, E_WR rising edge
10
ns
tPW
S_WR, M1_WR, M2_WR, A_WR, E_WR pulse width
30
ns
tCWR
Sclk rising edge to S_WR rising edge. S_WR, M1_WR,
M2_WR, A_WR falling edge to Hop_WR rising edge
30
ns
tCE
Sclk falling edge to E_WR transition
30
ns
tWRC
S_WR falling edge to Sclk rising edge. Hop_WR falling
edge to S_WR, M1_WR, M2_WR, A_WR rising edge
30
ns
tEC
E_WR transition to Sclk rising edge
30
ns
tMDO
MSEL data out delay after Fin rising edge
CL = 12 pf
8
ns
Main Divider (Including Prescaler)
Fin
Operating frequency
500
3000
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Main Divider (Prescaler Bypassed)
Fin
Operating frequency
50
300
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Reference Divider
fr
Operating frequency
(Note 1)
(Note 2)
100
MHz
Pfr
Reference input power
Single ended input
-2
10
dBm
Vfr
Input sensitivity
External AC coupling
(Note 3)
0.5
VP-P
Phase Detector
fc
Comparison frequency
(Note 1)
20
MHz
Note 1:
Parameter is guaranteed through characterization only and is not tested.
Note 2:
Running at low frequencies (< 10 MHz sinewave), the device will still be functional but may cause phase noise degradation. Inserting a low-
noise amplifier to square up the edges is recommended at lower input frequencies.
Note 3:
CMOS logic levels may be used if DC coupled. For optimum phase noise performance, the reference input falling edge rate should be faster
than 80mV/ns.


Similar Part No. - 3335-21

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3335-1017 KR-3335-1017 Datasheet
74Kb / 3P
   KR Electronics part number 3335-1017 is a 1017 MHz Bandpass filter.
3335-1159 KR-3335-1159 Datasheet
75Kb / 3P
   KR Electronics part number 3335-1159 is a 1159 MHz Bandpass filter.
More results

Similar Description - 3335-21

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
logo
Peregrine Semiconductor...
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com