Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3291-12 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # 3291-12
Description  1200 MHz / 550 MHz Dual Fractional-N FlexiPower??PLL for Frequency Synthesis
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3291-12 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

Back Button 3291-12 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3291-12 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3291-12 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3291-12 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3291-12 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3291-12 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3291-12 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 3291-12 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 3291-12 Datasheet HTML 12Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Product Specification
PE3291
Page 8 of 15
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0009-04
│ UltraCMOS™ RFIC Solutions
Table 7. Register Set
S20
S19
S18
S17
S16
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Reserved
Test
PLL2 Synthesizer control
PLL2 Reference counter R2 divide ratio
Address
0
C24
C23
C22
C21
C20
R28
R 27
R 26
R 25
R 24
R 23
R 22
R 21
R 20
0
0
Res.
PLL2 Main counter M2 divide ratio
PLL2 Swallow counter A2
divide ratio
PLL2 Fractional counter F2
numerator value
Address
M28
M27
M26
M25
M24
M23
M22
M21
M20
A23
A22
A21
A20
F24
F23
F22
F21
F20
0
1
Res.
FlexiPower voltage
regulation
PLL1 Synthesizer control
PLL1 Reference counter R1 divide ratio
Address
P2
Res.
P1
C14
C13
C12
C11
C10
R18
R17
R16
R15
R14
R13
R12
R11
R10
1
0
PLL1 Main counter M1 divide ratio
PLL1 Swallow counter A1
divide ratio
PLL1 Fractional counter F1
numerator value
Address
M18
M17
M16
M15
M14
M13
M12
M11
M10
A14
A13
A12
A11
A10
F14
F13
F12
F11
F10
1
1
MSB (first in)
(last in) LSB
Figure 8. Serial Interface Mode Timing Diagram
t
DSU
t
DHLD
t
ClockL
t
ClockH
t
CLE
t
LEC
t
LEW
t
Data Out
Data
Clock
LE
Data Out
(f
oLD pin)


Similar Part No. - 3291-12

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
logo
Tyco Electronics
329150 MACOM-329150 Datasheet
153Kb / 6P
   Standard Terminals and Splices
logo
List of Unclassifed Man...
32919 ETC2-32919 Datasheet
199Kb / 1P
   Wiha ComfortGrip Pliers
logo
Micro Electronics
3291G MICRO-ELECTRONICS-3291G Datasheet
41Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
3291GVO MICRO-ELECTRONICS-3291GVO Datasheet
38Kb / 1P
   LED BACKLIGHT FOR LCD DISPLAY
More results

Similar Description - 3291-12

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3282A PEREGRINE-PE3282A Datasheet
213Kb / 14P
   1.1 GHz/510 MHz Dual Fractional-N PLL IC for Frequency Synthesis
logo
List of Unclassifed Man...
PE3293 ETC-PE3293 Datasheet
266Kb / 18P
   1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
logo
Analog Devices
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
   1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
logo
Fujitsu Component Limit...
MB15F8XUL FUJITSU-MB15F8XUL Datasheet
201Kb / 6P
   Fractional-N / Integer dual PLL Frequency Synthesizers
logo
KR Electronics, Inc.
2876 KR-2876 Datasheet
35Kb / 2P
   550 MHz Center Frequency
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
Motorola, Inc
MC145181 MOTOROLA-MC145181 Datasheet
957Kb / 71P
   Dual 550/60 MHz PLL Frequency Synthesizer with DACs and Voltage Multiplier
logo
Fujitsu Component Limit...
MB15F88UL FUJITSU-MB15F88UL Datasheet
315Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F83UL FUJITSU-MB15F83UL Datasheet
304Kb / 29P
   Fractional-N PLL Frequency Synthesizer
MB15F86UL FUJITSU-MB15F86UL Datasheet
313Kb / 28P
   Fractional-N PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com