Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8430252CG-45LFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8430252CG-45LFT
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8430252CG-45LFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8430252CG-45LFT Datasheet HTML 1Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8430252CG-45LFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8430252CG-45
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 9, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8430252-45
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS8430252-45 is a 2 output LVPECL and
LVCMOS/LVTTL Synthesizer optimized to gen-
erate Ethernet reference clock frequencies and
is a member of the HiPerClocks™ family of high
performance clock solutions from ICS. Using a
25MHz, 18pF parallel resonant crystal, the following fre-
quencies can be generated: 156.25MHz LVPECL output
and, 125MHz LVCMOS output. The 8430252-45 uses ICS’
3rd generation low phase noise VCO technology and can
achieve 1ps or lower typical rms phase jitter, easily meet-
ing Ethernet jitter requirements. The ICS8430252-45 is
packaged in a small 16-pin TSSOP package.
FEATURES
• One differential 3.3V LVPECL output and
One LVCMOS/LVTTL output
• Crystal oscillator interface designed for a 25MHz,
18pF parallel resonant crystal
• A 25MHz crystal generates both an output frequency of
156.25MHz (LVPECL) and 125MHz (LVCMOS)
• VCO frequency: 625MHz
• RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz) using
a 25MHz crystal: 0.39ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature available upon request
• Available in both standard and lead-free RoHS compliant
packages
HiPerClockS™
ICS
BLOCK DIAGRAM
XTAL_IN
XTAL_OUT
QA
QB
nQB
PIN ASSIGNMENT
OE
VEE
QA
VCCO_A
nc
nc
VCCA
VCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLK_EN
VEE
QB
nQB
VCCO_B
XTAL_IN
XTAL_OUT
VEE
ICS8430252-45
16-Lead TSSOP
4.4mm x 5.0mm x 0.92mm
package body
G Package
Top View
OSC
Phase
Detector
VCO
625MHz
Feedback Divider
÷25
÷4
÷5
25MHz
CLK_EN
OE
Pullup
Pullup
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS8430252CG-45LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020A01 ICST-ICS843020A01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01 ICST-ICS843020AY-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01LF ICST-ICS843020AY-01LF Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843020AY-01LFT ICST-ICS843020AY-01LFT Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8430252CG-45LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com