Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3240 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE3240
Description  2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3240 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE3240 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3240 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3240 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3240 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3240 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3240 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3240 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3240 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3240 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Product Specification
PE3240
Page 3 of 12
Document No. 70-0034-02
│ www.psemi.com
©2006 Peregrine Semiconductor Corp. All rights reserved.
Table 1. Pin Descriptions (continued)
Pin No.
Pin Name
Type
Description
Note 1:
VDD pins 1, 9, and 16 are connected by diodes and must be supplied with the same positive voltage level.
Table 2. Absolute Maximum Ratings
Table 3. Operating Ratings
Table 4. ESD Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Note 1:
Periodically sampled, not 100% tested. Tested per
MIL-STD-883, M3015 C2
17
PD_
D
Output
PD_
D pulses down when f
p leads fc.
18
PD_
U
Output
PD_
U pulses down when f
c leads fp.
19
GND
Ground.
20
fr
Input
Reference frequency input.
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD +
0.3
V
II
DC into any input
-10
+10
mA
IO
DC into any output
-10
+10
mA
Tstg
Storage temperature range
-65
150
°C
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
2.85
3.15
V
TA
Operating ambient
temperature range
-40
85
°C
Symbol
Parameter/Conditions
Level
Units
VESD
ESD voltage human body model
(Note 1)
1000
V


Similar Part No. - PE3240

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3240 PASTERNACK-PE3240 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
PE3240-12 PASTERNACK-PE3240-12 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
PE3240-24 PASTERNACK-PE3240-24 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
PE3240-36 PASTERNACK-PE3240-36 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
PE3240-48 PASTERNACK-PE3240-48 Datasheet
136Kb / 1P
   CABLE ASSEMBLY, RG142B/U, BNC MALE TO SMC PLUG
More results

Similar Description - PE3240

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
PE83336 PEREGRINE-PE83336 Datasheet
277Kb / 14P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com