Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3238-21 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 3238-21
Description  1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3238-21 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button 3238-21 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3238-21 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3238-21 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3238-21 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3238-21 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3238-21 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3238-21 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3238-21 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 3238-21 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Product Specification
PE3238
Page 6 of 15
©2003-2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0031-03
│ UltraCMOS™ RFIC Solutions
Table 6. AC Characteristics: VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Note 1:
Fclk is verified during the functional pattern test. Serial programming sections of the functional pattern are clocked at 10 MHz to verify Fclk
specification.
Note 2:
CMOS logic levels can be used to drive reference input if DC coupled. Voltage input needs to be a minimum of 0.5 Vp-p. For optimum
phase noise performance, the reference input falling edge rate should be faster than 80mV/ns.
Note 3:
Parameter is guaranteed through characterization only and is not tested.
Symbol
Parameter
Conditions
Min
Max
Units
Control Interface and Latches (see Figures 4, 5, 6)
fClk
Serial data clock frequency
(Note 1)
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tDSU
Sdata set-up time to Sclk rising edge, D[7:0] set-up time to
M1_WR, M2_WR, A_WR rising edge
10
ns
tDHLD
Sdata hold time after Sclk rising edge, D[7:0] hold time to
M1_WR, M2_WR, A_WR, E_WR rising edge
10
ns
tPW
S_WR, M1_WR, M2_WR, A_WR, E_WR pulse width
30
ns
tCWR
Sclk rising edge to S_WR rising edge. S_WR, M1_WR,
M2_WR, A_WR falling edge to Hop_WR rising edge
30
ns
tCE
Sclk falling edge to E_WR transition
30
ns
tWRC
S_WR falling edge to Sclk rising edge. Hop_WR falling
edge to S_WR, M1_WR, M2_WR, A_WR rising edge
30
ns
tEC
E_WR transition to Sclk rising edge
30
ns
Main Divider (Including Prescaler)
Fin
Operating frequency
200
1500
MHz
PFin
Input level range
External AC coupling
-10
5
dBm
Main Divider (Prescaler Bypassed)
Fin
Operating frequency
20
220
MHz
PFin
Input level range
External AC coupling
-5
5
dBm
Reference Divider
fr
Operating frequency
(Note 3)
100
MHz
Pfr
Reference input power (Note 2)
Single ended input
-2
dBm
Phase Detector
fc
Comparison frequency
(Note 3)
20
MHz
SSB Phase Noise (Fin = 1.3 GHz, fr = 10 MHz, fc = 1.25 MHz, LBW = 70 kHz, VDD = 3.0 V, Temp = -40° C)
100 Hz Offset
-75
dBc/Hz
1 kHz Offset
-85
dBc/Hz


Similar Part No. - 3238-21

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3238 ASM-SENSOR-3238 Datasheet
3Mb / 8P
   DIGITAL HiTESTER
logo
List of Unclassifed Man...
3238 ETC2-3238 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3238 HEYCO-3238 Datasheet
233Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Analog Intergrations Co...
323876 AIC-323876 Datasheet
369Kb / 24P
   STRATO-THERM Terminals & Splices for High Temperature Applications
323878 AIC-323878 Datasheet
369Kb / 24P
   STRATO-THERM Terminals & Splices for High Temperature Applications
More results

Similar Description - 3238-21

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3236 PEREGRINE-PE3236 Datasheet
252Kb / 15P
   2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com