Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3236-22 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 3236-22
Description  2200 MHz UltraCMOS-TM Integer-N PLL for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

3236-22 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  3236-22 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 3236-22 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 3236-22 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 3236-22 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 3236-22 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 3236-22 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 3236-22 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 3236-22 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 3236-22 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Document No. 70-0026-03
│ www.psemi.com
Page 1 of 15
©2003-2005 Peregrine Semiconductor Corp. All rights reserved.
Peregrine’s PE3236 is a high performance integer-N PLL
capable of frequency synthesis up to 2.2 GHz. The
superior phase noise performance of the PE3236 is ideal
for applications such as LMDS / MMDS / WLL basestations
and demanding terrestrial systems.
The PE3236 features a 10/11 dual modulus prescaler,
counters and a phase comparator as shown in Figure 1.
Counter values are programmable through either a serial or
parallel interface and can also be directly hard wired. This
programming flexibility, combined with the dual latch
architecture enabling ping-pong loading of the main divide
counter, makes these PLLs well suited as the core for
fractional-N or sigma-delta implementation.
The PE3236 is optimized for terrestrial applications. It is
manufactured on Peregrine’s UltraCMOS™ process, a
patented variation of silicon-on-insulator (SOI) technology
on a sapphire substrate, offering the performance of GaAs
with the economy and integration of conventional CMOS.
Product Specification
2200 MHz UltraCMOS™ Integer-N PLL
for Low Phase Noise Applications
Product Description
PE3236
Features
2.2 GHz operation
÷10/11 dual modulus prescaler
Internal phase detector
Serial, parallel or hardwired
programmable
Low power— 22 mA at 3 V
Q3236 PLL replacement
Ultra-low phase noise
Available in 44-lead PLCC package
Figure 1. Block Diagram
F
in
F
in
Prescaler
10 / 11
20
Main
Counter
20
Secon-
dary
20-bit
Latch
20
Primary
20-bit
Latch
Pre_en
M(6:0)
A(3:0)
R(3:0)
16
20
R Counter
f
r
Phase
Detector
6
6
f
c
f
p
8
D(7:0)
13
Sdata
PD_U
PD_D


Similar Part No. - 3236-22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3236 ETC2-3236 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
KR Electronics, Inc.
3236 KR-3236 Datasheet
59Kb / 3P
   60 MHz Bandpass Filter
logo
Analog Intergrations Co...
323672 AIC-323672 Datasheet
369Kb / 24P
   STRATO-THERM Terminals & Splices for High Temperature Applications
logo
Tyco Electronics
323676 MACOM-323676 Datasheet
58Kb / 1P
   WIRE TERMINAL PIDG, RING TONGUE
logo
Analog Intergrations Co...
323680 AIC-323680 Datasheet
369Kb / 24P
   STRATO-THERM Terminals & Splices for High Temperature Applications
More results

Similar Description - 3236-22

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3335 PEREGRINE-PE3335 Datasheet
235Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE3336 PEREGRINE-PE3336 Datasheet
233Kb / 15P
   3000 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor...
PE3240 PEREGRINE-PE3240 Datasheet
235Kb / 12P
   2.2 GHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336 Datasheet
338Kb / 12P
   3000 MHz UltraCMOS Integer-N PLL For Low Phase Noise Applications Military Operating Temperature Range
logo
Peregrine Semiconductor...
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com