Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8422004AGI-01 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS8422004AGI-01
Description  FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8422004AGI-01 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS8422004AGI-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8422004AGI-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8422004AGI-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8422004AGI-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8422004AGI-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS8422004AGI-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS8422004AGI-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS8422004AGI-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS8422004AGI-01 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
8422004AGI-01
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 14, 2005
11
Integrated
Circuit
Systems, Inc.
ICS8422004I-01
FEMTOCLOCKS™CRYSTAL-TO-
LVHSTL FREQUENCY SYNTHESIZER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8422004I-01 is: 2951
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 24 LEAD TSSOP
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65°C/W
62°C/W


Similar Part No. - ICS8422004AGI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8422004AGI ICST-ICS8422004AGI Datasheet
188Kb / 13P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004AGILF ICST-ICS8422004AGILF Datasheet
188Kb / 13P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004AGILFT ICST-ICS8422004AGILFT Datasheet
188Kb / 13P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004AGIT ICST-ICS8422004AGIT Datasheet
188Kb / 13P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8422004AGI-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422002I ICST-ICS8422002I Datasheet
193Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS8422004I ICST-ICS8422004I Datasheet
188Kb / 13P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
8422002I-07 IDT-8422002I-07 Datasheet
341Kb / 18P
   Femtoclock Crystal-To-LVHSTL Frequency Synthesizer
logo
Renesas Technology Corp
8422002I-07 RENESAS-8422002I-07 Datasheet
532Kb / 19P
   Femtoclock™ Crystal-To-LVHSTL Frequency Synthesizer
January 29, 2016
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com