Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8421004AGIT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8421004AGIT
Description  FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8421004AGIT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8421004AGIT Datasheet HTML 1Page - Integrated Circuit Systems ICS8421004AGIT Datasheet HTML 2Page - Integrated Circuit Systems ICS8421004AGIT Datasheet HTML 3Page - Integrated Circuit Systems ICS8421004AGIT Datasheet HTML 4Page - Integrated Circuit Systems ICS8421004AGIT Datasheet HTML 5Page - Integrated Circuit Systems ICS8421004AGIT Datasheet HTML 6Page - Integrated Circuit Systems ICS8421004AGIT Datasheet HTML 7Page - Integrated Circuit Systems ICS8421004AGIT Datasheet HTML 8Page - Integrated Circuit Systems ICS8421004AGIT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8421004AGI
www.icst.com/products/hiperclocks.html
REV. A MARCH 29, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8421004I
FEMTOCLOCKS™CRYSTAL-TO-
HSTL FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS8421004I is a 4 output HSTL Synthesizer
optimized to generate Fibre Channel reference
clock frequencies and is a member of the
HiPerClocksTM family of high performance clock
solutions from ICS. Using a 26.5625MHz 18pF
parallel resonant crystal, the following frequencies can be
generated based on the two frequency select pins (F_SEL[1:0]):
212.5MHz, 187.5MHz, 159.375MHz, 156.25, 106.25MHz and
53.125MHz. The ICS8421004I uses ICS’ 3rd generation low
phase noise VCO technology and can achieve 1ps or lower
typical rms phase jitter, easily meeting Fibre Channel jitter
requirements. The ICS8421004I is packaged in a small 24-pin
TSSOP package.
FEATURES
• Four HSTL outputs (VOHmax = 1.4)
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 156.25MHz, 106.25MHz, 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(637kHz - 10MHz): 0.59ps (typical)
• Power supply modes:
Core/Output
3.3V/1.8V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
HiPerClockS™
ICS
PIN ASSIGNMENT
1
1
0
1
0
Phase
Detector
VCO
M = 24 (fixed)
F_SEL[1:0]
0 0
÷3
0 1
÷4
1 0
÷6
1 1
÷12
2
OSC
ICS8421004I
24-Lead TSSOP
4.40mm x 7.8mm x 0.92mm
package body
G Package
Top View
nQ1
Q1
VDDO
Q0
nQ0
MR
nPLL_SEL
nc
VDDA
F_SEL0
VDD
F_SEL1
1
2
3
4
5
6
7
8
9
10
11
12
nQ2
Q2
VDDO
Q3
nQ3
GND
nc
nXTAL_SEL
TEST_CLK
GND
XTAL_IN
XTAL_OUT
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
t
u
p
n
I
y
c
n
e
u
q
e
r
F
)
z
H
M
(
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
N
/
M
e
u
l
a
V
r
e
d
i
v
i
D
5
2
6
5
.
6
20
0
4
23
8
5
.
2
1
2
5
2
6
5
.
6
20
1
4
24
6
5
7
3
.
9
5
1
5
2
6
5
.
6
21
0
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
1
4
22
12
5
2
1
.
3
5
6
6
1
4
0
.
6
20
1
4
24
6
5
2
.
6
5
1
5
7
3
4
.
3
20
0
4
23
8
5
.
7
8
1
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
TEST_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Pulldown
Pulldown
26.5625MHz
Pulldown
Pulldown
Pulldown
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS8421004AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8421004AGI-01 ICST-ICS8421004AGI-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8421004AGI-01T ICST-ICS8421004AGI-01T Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8421004AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8421002I ICST-ICS8421002I Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
8421002I-01 IDT-8421002I-01 Datasheet
173Kb / 15P
   FemtoClock Crystal-to-HSTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com