Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8421002AGILF Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8421002AGILF
Description  FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8421002AGILF Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8421002AGILF Datasheet HTML 2Page - Integrated Circuit Systems ICS8421002AGILF Datasheet HTML 3Page - Integrated Circuit Systems ICS8421002AGILF Datasheet HTML 4Page - Integrated Circuit Systems ICS8421002AGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS8421002AGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS8421002AGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS8421002AGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS8421002AGILF Datasheet HTML 9Page - Integrated Circuit Systems ICS8421002AGILF Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
8421002AGI
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 7, 2006
6
Integrated
Circuit
Systems, Inc.
ICS8421002I
FEMTOCLOCKS™CRYSTAL-TO-
HSTL FREQUENCY SYNTHESIZER
TYPICAL PHASE NOISE AT 212.5MHZ @ 3.3V
212.5MHz
RMS Phase Jitter (Random)
637kHz to 10MHz = 0.59ps (typical)
OFFSET FREQUENCY (HZ)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
100
1k
10k
100k
1M
10M
100M
Fibre Channel Jitter Filter
Raw Phase Noise Data
Phase Noise Result by adding
Fibre Channel Filter to raw data
TYPICAL PHASE NOISE AT 53.125MHZ @ 3.3V
53.125MHz
RMS Phase Jitter (Random)
637kHz to 10MHz = 0.66ps (typical)
OFFSET FREQUENCY (HZ)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
100
1k
10k
100k
1M
10M
100M
Fibre Channel Jitter Filter
Raw Phase Noise Data
Phase Noise Result by adding
Fibre Channel Filter to raw data


Similar Part No. - ICS8421002AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8421002AGI-01 ICST-ICS8421002AGI-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8421002AGI-01LF ICST-ICS8421002AGI-01LF Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8421002AGI-01LFT ICST-ICS8421002AGI-01LFT Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8421002AGI-01T ICST-ICS8421002AGI-01T Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS8421002AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
ICS8421004I ICST-ICS8421004I Datasheet
192Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
8421002I-01 IDT-8421002I-01 Datasheet
173Kb / 15P
   FemtoClock Crystal-to-HSTL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Circuit Syst...
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com