Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3874EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3874EVKIT
Description  MAX3872/MAX3874 Evaluation Kits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3874EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3874EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX3874EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX3874EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX3874EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX3874EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX3874EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX3874EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX3874EVKIT Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MAX3872/MAX3874 Evaluation Kits
_________________________________________________________________________________________
3
Table 1. Operational Mode Settings
SHUNT POSITIONS
MODE
LREF (JU14)
SIS (JU13)
Normal
1 and 2
2 and 3
System Loopback
1 and 2
1 and 2
Clock Holdover
2 and 3
(1 and 2) or
(2 and 3)
Table 2. Data Rate Settings
SHUNT POSITIONS
INPUT DATA RATE
RS1
RS2
RATESET
2.666Gbps
2 and 3
2 and 3
1 and 2
2.488Gbps/2.5Gbps
2 and 3
2 and 3
2 and 3
1.244Gbps/1.25Gbps*
1 and 2
1 and 2
2 and 3
666.51Mbps*
2 and 3
1 and 2
1 and 2
622.08Mbps*
2 and 3
1 and 2
2 and 3
166.63Mbps*
1 and 2
2 and 3
1 and 2
155.52Mbps*
1 and 2
2 and 3
2 and 3
*Setting not available on the MAX3874
Table 3. Clock Holdover Frequency Settings
SHUNT POSITIONS
REFERENCE CLOCK FREQUENCY
SCLKO FREQUENCY
RS1
RS2
RATESET
FREFSET
666.51MHz
2.666GHz
2 and 3
2 and 3
1 and 2
2 and 3
666.51MHz*
666.51MHz
2 and 3
1 and 2
1 and 2
2 and 3
666.51MHz*
166.63MHz
1 and 2
2 and 3
1 and 2
2 and 3
622.08MHz/625MHz*
1.244GHz/1.25GHz
1 and 2
1 and 2
2 and 3
2 and 3
622.08MHz/625MHz
2.488GHz/2.5GHz
2 and 3
2 and 3
2 and 3
2 and 3
622.08MHz*
622.08MHz
2 and 3
1 and 2
2 and 3
2 and 3
622.08MHz*
155.52MHz
1 and 2
2 and 3
2 and 3
2 and 3
166.63MHz
2.666GHz
2 and 3
2 and 3
1 and 2
1 and 2
166.63MHz*
666.51MHz
2 and 3
1 and 2
1 and 2
1 and 2
166.63MHz*
166.63MHz
1 and 2
2 and 3
1 and 2
1 and 2
155.52MHz/156.25MHz*
1.244GHz/1.25GHz
1 and 2
1 and 2
2 and 3
1 and 2
155.52MHz/156.25MHz
2.488GHz/2.5GHz
2 and 3
2 and 3
2 and 3
1 and 2
155.52MHz*
622.08MHz
2 and 3
1 and 2
2 and 3
1 and 2
155.52MHz*
155.52MHz
1 and 2
2 and 3
2 and 3
1 and 2
*Setting not available on the MAX3874


Similar Part No. - MAX3874EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3872 MAXIM-MAX3872 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3872EGJ MAXIM-MAX3872EGJ Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3872EGJ MAXIM-MAX3872EGJ Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3872ETJ++ MAXIM-MAX3872ETJ+ Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
More results

Similar Description - MAX3874EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
   Evaluation Kits
Rev 1; 5/01
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
   Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
   Evaluation Kits
Rev 2; 5/01
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
   Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
   Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
   Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
   EVALUATION/DEVELOPMENT KITS
logo
Maxim Integrated Produc...
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com