Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853111-02 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS853111-02
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111-02 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS853111-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS853111-02 Datasheet HTML 6Page - Integrated Circuit Systems ICS853111-02 Datasheet HTML 7Page - Integrated Circuit Systems ICS853111-02 Datasheet HTML 8Page - Integrated Circuit Systems ICS853111-02 Datasheet HTML 9Page - Integrated Circuit Systems ICS853111-02 Datasheet HTML 10Page - Integrated Circuit Systems ICS853111-02 Datasheet HTML 11Page - Integrated Circuit Systems ICS853111-02 Datasheet HTML 12Page - Integrated Circuit Systems ICS853111-02 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
853111AY-02
www.icst.com/products/hiperclocks.html
REV. A JANUARY 10, 2006
9
Integrated
Circuit
Systems, Inc.
ICS853111-02
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
LVPECL CLOCK INPUT INTERFACE
The PCLK /nPCLK accepts LVPECL, CML, SSTL and other
differential signals. Both V
SWING and VOH must meet the VPP
and V
CMR input requirements.
Figures 3A to 3E show inter-
face examples for the HiPerClockS PCLK/nPCLK input driven
by the most common driver types. The input interfaces sug-
gested here are examples only. If the driver is from another
vendor, use their termination recommendation. Please con-
sult with the vendor of the driver component to confirm the
driver termination requirements.
FIGURE 3A. HIPERCLOCKS PCLK/NPCLK INPUT DRIVEN
BY A
CML DRIVER
FIGURE 3B. HIPERCLOCKS PCLK/NPCLK INPUT DRIVEN
BY AN
SSTL DRIVER
FIGURE 3C. HIPERCLOCKS PCLK/NPCLK INPUT DRIVEN
BY A
3.3V LVPECL DRIVER
FIGURE 3D. HIPERCLOCKS PCLK/NPCLK INPUT DRIVEN
BY A
3.3V LVDS DRIVER
HiPerClockS
PCLK
nPCLK
PCLK/nPCLK
3.3V
R2
50
R1
50
3.3V
Zo = 50 Ohm
CML
3.3V
Zo = 50 Ohm
PCLK/nPCLK
2.5V
Zo = 60 Ohm
SSTL
HiPerClockS
PCLK
nPCLK
R2
120
3.3V
R3
120
Zo = 60 Ohm
R1
120
R4
120
2.5V
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
FIGURE 3E. HIPERCLOCKS PCLK/NPCLK INPUT DRIVEN
BY A
3.3V LVPECL DRIVER WITH AC COUPLE
3.3V
R5
100 - 200
3.3V
3.3V
HiPerClockS
PCLK
nPCLK
R1
125
PCLK/nPCLK
R2
125
R3
84
C1
C2
Zo = 50 Ohm
R4
84
Zo = 50 Ohm
R6
100 - 200
3.3V LVPECL
C2
R2
1K
R5
100
Zo = 50 Ohm
3.3V
3.3V
C1
R3
1K
LVDS
R4
1K
HiPerClockS
PCLK
nPCLK
R1
1K
Zo = 50 Ohm
3.3V
PC L K /n PC LK


Similar Part No. - ICS853111-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853111-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
logo
Integrated Circuit Syst...
ICS85310I-01 ICST-ICS85310I-01 Datasheet
175Kb / 15P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
853S111B IDT-853S111B_16 Datasheet
451Kb / 25P
   Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
   LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111 ICST-ICS853111 Datasheet
138Kb / 13P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS853111B ICST-ICS853111B Datasheet
217Kb / 18P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com