Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853054AGLFT Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS853054AGLFT
Description  4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853054AGLFT Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS853054AGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS853054AGLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Integrated
Circuit
Systems, Inc.
853054AG
www.icst.com/products/hiperclocks.html
REV. A JANUARY 5, 2006
2
ICS853054
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V
LVPECL/ECL CLOCK MULTIPLEXER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
10
K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
20
K
L
C
P
nt
u
p
n
In
w
o
d
ll
u
P
/
p
u
ll
u
P
.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
V
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
31
K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
41
K
L
C
P
nt
u
p
n
In
w
o
d
ll
u
P
/
p
u
ll
u
P
.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
V
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
6
1
,
5V
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
7
,
61
L
E
S
,
0
L
E
St
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
n
i
p
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
3
1
,
8V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
92
K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
0
12
K
L
C
P
nt
u
p
n
In
w
o
d
ll
u
P
/
p
u
ll
u
P
.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
V
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
1
13
K
L
C
Pt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
2
13
K
L
C
P
nt
u
p
n
In
w
o
d
ll
u
P
/
p
u
ll
u
P
.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
V
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
5
1
,
4
1Q
,
Q
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
:
E
T
O
N
n
w
o
d
ll
u
P
d
n
a
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
TABLE 3. CLOCK INPUT FUNCTION TABLE
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
5
7k
Ω
R
2
/
D
D
V
r
s
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
/
p
u
ll
u
P
0
5k
Ω
s
t
u
p
n
Is
t
u
p
t
u
O
1
L
E
S0
L
E
SQ
n
/
Q
00
0
K
L
C
P
n
/
0
K
L
C
P
01
1
K
L
C
P
n
/
1
K
L
C
P
10
2
K
L
C
P
n
/
2
K
L
C
P
11
3
K
L
C
P
n
/
3
K
L
C
P


Similar Part No. - ICS853054AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853052 ICST-ICS853052 Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Circuit Syst...
ICS853052AG ICST-ICS853052AG Datasheet
232Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Integrated Device Techn...
ICS853052AG IDT-ICS853052AG Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
ICS853052AGLF IDT-ICS853052AGLF Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
More results

Similar Description - ICS853054AGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
   4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
   4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
   12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
   2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Renesas Technology Corp
MC100ES6056 RENESAS-MC100ES6056 Datasheet
632Kb / 11P
   2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer
2019
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com