Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS853052AG Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS853052AG
Description  DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853052AG Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS853052AG Datasheet HTML 1Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 2Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 3Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 4Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 5Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 6Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 7Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 8Page - Integrated Circuit Systems ICS853052AG Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
853052AG
www.icst.com/products/hiperclocks.html
REV. A JULY 1, 2004
3
Integrated
Circuit
Systems, Inc.
ICS853052
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage
to the device. These ratings are stress specifi-
cations only. Functional operation of product at
these conditions or any conditions beyond those
listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may
affect product reliability.
Supply Voltage, V
CC
6V (LVPECL mode, V
EE = 0)
Negative Supply Voltage, V
EE
-6V (ECL mode, V
CC = 0)
Inputs, V
I (LVPECL mode)
-0.5V to V
CC + 0.5 V
Inputs, V
I (ECL mode)
0.5V to V
EE - 0.5V
Outputs, I
O
Continuous Current
50mA
Surge Current
100mA
Operating Temperature Range, TA -40°C to +85°C
Storage Temperature, T
STG
-65°C to 150°C
Package Thermal Impedance,
θ
JA
101.7°C/W (0 m/s) TSSOP
(Junction-to-Ambient)
112.7°C/W (0 lfpm) SOIC
TABLE 4A. DC CHARACTERISTICS, V
CC = 2.5V; VEE = 0V
TABLE 4B. DC CHARACTERISTICS, V
CC = 3.3V; VEE = 0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P1
21
21
2A
m
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O5
7
1
25
7
2
20
8
3
25
2
2
25
9
2
20
7
3
25
9
2
20
3
3
25
6
3
2V
m
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O5
0
4
15
4
5
10
8
6
15
2
4
10
2
5
15
1
6
10
4
4
15
3
5
10
3
6
1V
m
V
H
I
,
)
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
5
7
0
20
2
4
25
7
0
20
2
4
25
7
0
20
2
4
2V
m
V
L
I
,
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
)
d
e
d
n
E
-
e
l
g
n
i
S
(
5
5
3
15
7
6
15
5
3
15
7
6
15
5
3
15
7
6
1V
m
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I0
5
10
5
10
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I0
5
10
5
10
5
1A
µ
V
h
t
i
w
1
:
1
y
r
a
v
s
r
e
t
e
m
a
r
a
p
t
u
p
t
u
o
d
n
a
t
u
p
n
I
C
C .
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
V
o
t
C
C
.
V
2
-
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P1
21
21
2A
m
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O5
7
3
.
15
7
4
.
18
5
.
15
2
4
.
15
9
4
.
17
5
.
15
9
4
.
13
5
.
15
6
5
.
1
V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O5
0
6
.
05
4
7
.
08
8
.
05
2
6
.
02
7
.
05
1
8
.
04
6
.
05
3
7
.
03
8
.
0
V
V
H
I
,
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
d
e
d
n
E
-
e
l
g
n
i
S
5
7
2
.
16
5
.
15
7
2
.
16
5
.
15
7
2
.
13
8
.
0
-
V
V
L
I
,
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
d
e
d
n
E
-
e
l
g
n
i
S
3
6
.
05
6
9
.
03
6
.
05
6
9
.
03
6
.
05
6
9
.
0
V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I0
5
10
5
10
5
1
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I0
5
10
5
10
5
1A
µ
V
h
t
i
w
1
:
1
y
r
a
v
s
r
e
t
e
m
a
r
a
p
t
u
p
t
u
o
d
n
a
t
u
p
n
I
C
C .
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
V
o
t
C
C
.
V
2
-


Similar Part No. - ICS853052AG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853052AG IDT-ICS853052AG Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
ICS853052AGLF IDT-ICS853052AGLF Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
ICS853052AGLFT IDT-ICS853052AGLFT Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
ICS853052AGT IDT-ICS853052AGT Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
More results

Similar Description - ICS853052AG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Renesas Technology Corp
85322 RENESAS-85322 Datasheet
323Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016
ICS85322I RENESAS-ICS85322I Datasheet
714Kb / 17P
   Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
MARCH 6, 2014
logo
Integrated Circuit Syst...
ICS85322I ICST-ICS85322I Datasheet
160Kb / 13P
   DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
logo
Micrel Semiconductor
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
   3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Circuit Syst...
ICS85322 ICST-ICS85322 Datasheet
126Kb / 13P
   DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
logo
Integrated Device Techn...
ICS85322I IDT-ICS85322I Datasheet
302Kb / 16P
   Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
   LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
   5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com