Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS844256 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS844256
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844256 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS844256 Datasheet HTML 5Page - Integrated Circuit Systems ICS844256 Datasheet HTML 6Page - Integrated Circuit Systems ICS844256 Datasheet HTML 7Page - Integrated Circuit Systems ICS844256 Datasheet HTML 8Page - Integrated Circuit Systems ICS844256 Datasheet HTML 9Page - Integrated Circuit Systems ICS844256 Datasheet HTML 10Page - Integrated Circuit Systems ICS844256 Datasheet HTML 11Page - Integrated Circuit Systems ICS844256 Datasheet HTML 12Page - Integrated Circuit Systems ICS844256 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
844256AM
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 29, 2005
11
Integrated
Circuit
Systems, Inc.
ICS844256
FEMTOCLOCKS™CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS844256 is: 3887
TABLE 7A.
θ
JA
VS
. AIR FLOW TABLE FOR 24 LEAD SOIC
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
50°C/W
43°C/W
38°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
TABLE 7B.
θ
JA
VS
. AIR FLOW TABLE FOR 24 LEAD TSSOP
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65°C/W
62°C/W


Similar Part No. - ICS844256

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256BG IDT-ICS844256BG Datasheet
1Mb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256BGLF IDT-ICS844256BGLF Datasheet
1Mb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256BGLFT IDT-ICS844256BGLFT Datasheet
1Mb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256BGT IDT-ICS844256BGT Datasheet
1Mb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
More results

Similar Description - ICS844256

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844246 IDT-ICS844246 Datasheet
981Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844246I IDT-ICS844246I Datasheet
415Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS844256 IDT-ICS844256 Datasheet
1Mb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS844246 ICST-ICS844246 Datasheet
187Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
logo
Integrated Device Techn...
843246I IDT-843246I Datasheet
323Kb / 18P
   Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
84427 IDT-84427 Datasheet
198Kb / 16P
   Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
logo
Renesas Technology Corp
84427 RENESAS-84427 Datasheet
400Kb / 17P
   Crystal-to-LVDS Integrated Frequency Synthesizer/Fanout Buffer
5/6/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com