Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS844252-04 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS844252-04
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844252-04 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS844252-04 Datasheet HTML 1Page - Integrated Circuit Systems ICS844252-04 Datasheet HTML 2Page - Integrated Circuit Systems ICS844252-04 Datasheet HTML 3Page - Integrated Circuit Systems ICS844252-04 Datasheet HTML 4Page - Integrated Circuit Systems ICS844252-04 Datasheet HTML 5Page - Integrated Circuit Systems ICS844252-04 Datasheet HTML 6Page - Integrated Circuit Systems ICS844252-04 Datasheet HTML 7Page - Integrated Circuit Systems ICS844252-04 Datasheet HTML 8Page - Integrated Circuit Systems ICS844252-04 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
844252AG-04
www.icst.com/products/hiperclocks.html
REV. A JANUARY 26, 2006
3
Integrated
Circuit
Systems, Inc.
ICS844252-04
FEMTOCLOCKS™ CRYSTAL-TO-
LVDS CLOCK GENERATOR
PRELIMINARY
TABLE 3A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
TABLE 3C. LVDS DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5V
Outputs, I
O
Continuous Current
10mA
Surge Current
15mA
Package Thermal Impedance,
θ
JA
89°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions be-
yond those listed in the DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
TABLE 3B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
2V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
3
.
0
-8
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
K
L
C
_
F
E
R
,
L
E
S
_
K
L
C
,
L
E
S
_
Q
E
R
F
L
E
S
_
L
L
P
n
V
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
E
OV
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
K
L
C
_
F
E
R
,
L
E
S
_
K
L
C
,
L
E
S
_
Q
E
R
F
L
E
S
_
L
L
P
n
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ
E
OV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
7A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
1
1A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
0
4A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
O
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
0
0
4V
m
Δ V
D
O
V
D
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
4V
m
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
5
2
.
1V
Δ V
S
O
V
S
O
e
g
n
a
h
C
e
d
u
t
i
n
g
a
M
0
5V
m


Similar Part No. - ICS844252-04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS844252-04 RENESAS-ICS844252-04 Datasheet
739Kb / 17P
   FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results

Similar Description - ICS844252-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844001I ICST-ICS844001I Datasheet
162Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844023I ICST-ICS844023I Datasheet
153Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844071 IDT-ICS844071 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844021I-01 ICST-ICS844021I-01 Datasheet
161Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844051I ICST-ICS844051I Datasheet
204Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844071I ICST-ICS844071I Datasheet
168Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844008I-46 IDT-ICS844008I-46 Datasheet
317Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-LVDS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com