Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180M-02 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # 180M-02
Description  Low EMI Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

180M-02 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  180M-02 Datasheet HTML 1Page - Integrated Circuit Systems 180M-02 Datasheet HTML 2Page - Integrated Circuit Systems 180M-02 Datasheet HTML 3Page - Integrated Circuit Systems 180M-02 Datasheet HTML 4Page - Integrated Circuit Systems 180M-02 Datasheet HTML 5Page - Integrated Circuit Systems 180M-02 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW EMI CLOCK GENERATOR
ICS180-02
MDS 180-02 A
4
Revision 110404
Integrated Circ uit Systems l 52 5 Race Stre et, San Jose, CA 95 126 l te l (4 08) 297 -1 201 l
www.icst.com
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ± 5%, Ambient Temperature 0 to +70
°C
Unless stated otherwise, VDD = 5 V, ±10%, Ambient Temperature 0 to +70
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Supply Current
IDD
No load
18
32
mA
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -15 mA
2.4
V
Output Low Voltage
VOL
IOL = 15 mA
0.4
V
Input Capacitance
CIN
57
pF
Output Impedance
Rout
25
Input Pull-up Resistor
500
K
Power-up Time
First locked clock
cycle after steady
power
5ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
4.5
5
5.5
V
Supply Current
IDD
No load
30
50
mA
Input High Voltage
VIH
0.7VDD
V
Input Low Voltage
VIL
0.15VDD
V
Output High Voltage
VOH
IOH = -24 mA
2.4
V
Output Low Voltage
VOL
IOL = 24 mA
0.4
V
Output Impedance
Rout
20
ohms
Input Capacitance
CIN
57
pF
Output Impedance
Rout
25
Input Pull-up Resistor
500
K
Power-up Time
First locked clock
cycle after steady
power
5ms


Similar Part No. - 180M-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
180M-01 ICST-180M-01 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
180M-01LF RENESAS-180M-01LF Datasheet
320Kb / 10P
   LOW EMI CLOCK GENERATOR
REV D 051310
180M-01LFT RENESAS-180M-01LFT Datasheet
320Kb / 10P
   LOW EMI CLOCK GENERATOR
REV D 051310
logo
Integrated Circuit Syst...
180M-03 ICST-180M-03 Datasheet
99Kb / 6P
   Low EMI Clock Generator
logo
Renesas Technology Corp
180M-03LF RENESAS-180M-03LF Datasheet
308Kb / 8P
   LOW EMI CLOCK GENERATOR
081009
More results

Similar Description - 180M-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
   Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
   Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com