Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS844031AGI-01T Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS844031AGI-01T
Description  FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844031AGI-01T Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS844031AGI-01T Datasheet HTML 4Page - Integrated Circuit Systems ICS844031AGI-01T Datasheet HTML 5Page - Integrated Circuit Systems ICS844031AGI-01T Datasheet HTML 6Page - Integrated Circuit Systems ICS844031AGI-01T Datasheet HTML 7Page - Integrated Circuit Systems ICS844031AGI-01T Datasheet HTML 8Page - Integrated Circuit Systems ICS844031AGI-01T Datasheet HTML 9Page - Integrated Circuit Systems ICS844031AGI-01T Datasheet HTML 10Page - Integrated Circuit Systems ICS844031AGI-01T Datasheet HTML 11Page - Integrated Circuit Systems ICS844031AGI-01T Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
844031AGI-01
www.icst.com/products/hiperclocks.html
REV. B JULY 6, 2005
8
Integrated
Circuit
Systems, Inc.
ICS844031I-01
FEMTOCLOCKS™CRYSTAL-TO- LVDS
CLOCK GENERATOR
PRELIMINARY
3.3V, 2.5V LVDS DRIVER TERMINATION
A general LVDS interface is shown in
Figure 3. In a 100
Ω
differential transmission line environment, LVDS drivers
require a matched load termination of 100
Ω across near
FIGURE 3. TYPICAL LVDS DRIVER TERMINATION
the receiver input. For a multiple LVDS outputs buffer, if only
partial outputs are used, it is recommended to terminate the
un-used outputs.
2.5V or 3.3V
+
-
VDD
100 Ohm Differential Transmission Line
R1
100
LVDS_Driv er


Similar Part No. - ICS844031AGI-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21 IDT-ICS844001AG-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21LF IDT-ICS844001AG-21LF Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21LFT IDT-ICS844001AG-21LFT Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844001AG-21T IDT-ICS844001AG-21T Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS844031AGI-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844001I ICST-ICS844001I Datasheet
162Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844023I ICST-ICS844023I Datasheet
153Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844252-04 ICST-ICS844252-04 Datasheet
165Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844071 IDT-ICS844071 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844021I-01 ICST-ICS844021I-01 Datasheet
161Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844051I ICST-ICS844051I Datasheet
204Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844071I ICST-ICS844071I Datasheet
168Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844008I-46 IDT-ICS844008I-46 Datasheet
317Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-LVDS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com