Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS844004I Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS844004I
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS844004I Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS844004I Datasheet HTML 2Page - Integrated Circuit Systems ICS844004I Datasheet HTML 3Page - Integrated Circuit Systems ICS844004I Datasheet HTML 4Page - Integrated Circuit Systems ICS844004I Datasheet HTML 5Page - Integrated Circuit Systems ICS844004I Datasheet HTML 6Page - Integrated Circuit Systems ICS844004I Datasheet HTML 7Page - Integrated Circuit Systems ICS844004I Datasheet HTML 8Page - Integrated Circuit Systems ICS844004I Datasheet HTML 9Page - Integrated Circuit Systems ICS844004I Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
844004AGI
www.icst.com/products/hiperclocks.html
REV. A JUNE 15, 2005
6
Integrated
Circuit
Systems, Inc.
ICS844004I
FEMTOCLOCKS™CRYSTAL-TO-
LVDS FREQUENCY SYNTHESIZER
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
Q0:Q3
t
PD
TEST_CLK
RMS PHASE JITTER
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
nQ0:nQ3
tsk(o)
Qy
Qx
nQy
nQx
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q0:Q3
nQ0:nQ3
PROPAGATION DELAY
OUTPUT SKEW
SCOPE
Qx
nQx
LVDS
3.3V±5%
POWER SUPPLY
+-
Float GND
SCOPE
Qx
nQx
LVDS
2.5V±5%
POWER SUPPLY
+-
Float GND


Similar Part No. - ICS844004I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS844004I-01 RENESAS-ICS844004I-01 Datasheet
1Mb / 17P
   FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
logo
Integrated Circuit Syst...
ICS844004I-04 ICST-ICS844004I-04 Datasheet
202Kb / 13P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-LVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS844004I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
   FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
   FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
ICS844008I IDT-ICS844008I Datasheet
633Kb / 18P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002 IDT-ICS844002 Datasheet
339Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844004-104 IDT-ICS844004-104 Datasheet
925Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS844003I-01 ICST-ICS844003I-01 Datasheet
194Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844008-16 ICST-ICS844008-16 Datasheet
144Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
ICS844002I-01 ICST-ICS844002I-01 Datasheet
163Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com