Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS81006AKT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS81006AKT
Description  VCXO-TO-6 LVCMOS OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS81006AKT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS81006AKT Datasheet HTML 1Page - Integrated Circuit Systems ICS81006AKT Datasheet HTML 2Page - Integrated Circuit Systems ICS81006AKT Datasheet HTML 3Page - Integrated Circuit Systems ICS81006AKT Datasheet HTML 4Page - Integrated Circuit Systems ICS81006AKT Datasheet HTML 5Page - Integrated Circuit Systems ICS81006AKT Datasheet HTML 6Page - Integrated Circuit Systems ICS81006AKT Datasheet HTML 7Page - Integrated Circuit Systems ICS81006AKT Datasheet HTML 8Page - Integrated Circuit Systems ICS81006AKT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
81006AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 4, 2006
5
Integrated
Circuit
Systems, Inc.
ICS81006
VCXO-TO-6 LVCMOS OUTPUTS
TABLE 4D. AC CHARACTERISTICS, V
DD = VDDO = 2.5V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
2
14
4
.
9
10
4z
H
M
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
r
e
t
t
i
J
e
s
a
h
P
S
M
R
1
E
T
O
N
z
H
M
1
-
z
H
k
1
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I8
2
.
0s
p
)
o
(
k
s
t
;
w
e
k
S
t
u
p
t
u
O
3
,
2
E
T
O
N
4
Q
:
0
Q
5
2s
p
5
Q
:
0
Q1
÷
=
5
Q
_
L
E
S
_
V
I
D0
0
1s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
8s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
5
45
5%
.
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
d
e
r
u
s
a
e
M
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N
TABLE 4E. AC CHARACTERISTICS, V
DD = 2.5V±5%, VDDO = 1.8V±0.2V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
2
14
4
.
9
10
4z
H
M
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
r
e
t
t
i
J
e
s
a
h
P
S
M
R
1
E
T
O
N
z
H
M
1
-
z
H
k
1
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I6
2
.
0s
p
)
o
(
k
s
t
;
w
e
k
S
t
u
p
t
u
O
3
,
2
E
T
O
N
4
Q
:
0
Q
0
4s
p
5
Q
:
0
Q1
÷
=
5
Q
_
L
E
S
_
V
I
D5
7
1s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
40
0
4
1s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
40
6%
.
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
d
e
r
u
s
a
e
M
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N


Similar Part No. - ICS81006AKT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS81006AKI ICST-ICS81006AKI Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKILF ICST-ICS81006AKILF Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKILFT ICST-ICS81006AKILFT Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
ICS81006AKIT ICST-ICS81006AKIT Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
More results

Similar Description - ICS81006AKT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810-06I ICST-ICS810-06I Datasheet
146Kb / 13P
   VCXO-TO-6 LVCMOS OUTPUTS
logo
Renesas Technology Corp
81006 RENESAS-81006 Datasheet
595Kb / 19P
   VCXO-To-6 LVCMOS Outputs
REVISION B 7/29/16
81006I RENESAS-81006I Datasheet
500Kb / 19P
   VCXO-To-6 LVCMOS Outputs
7/29/16
logo
Integrated Device Techn...
ICS81006I IDT-ICS81006I Datasheet
678Kb / 14P
   VCXO-TO-LVCMOS OUTPUTS
ICS810525I IDT-ICS810525I Datasheet
251Kb / 12P
   VCXO-TO-LVCMOS/LVTTL OUTPUT
8101925 IDT-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
   CMOS/LVCMOS HF VCXO
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
Texas Instruments
CDCE949 TI-CDCE949_10 Datasheet
522Kb / 31P
[Old version datasheet]   Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com