Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843004AGIT Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS843004AGIT
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843004AGIT Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS843004AGIT Datasheet HTML 7Page - Integrated Circuit Systems ICS843004AGIT Datasheet HTML 8Page - Integrated Circuit Systems ICS843004AGIT Datasheet HTML 9Page - Integrated Circuit Systems ICS843004AGIT Datasheet HTML 10Page - Integrated Circuit Systems ICS843004AGIT Datasheet HTML 11Page - Integrated Circuit Systems ICS843004AGIT Datasheet HTML 12Page - Integrated Circuit Systems ICS843004AGIT Datasheet HTML 13Page - Integrated Circuit Systems ICS843004AGIT Datasheet HTML 14Page - Integrated Circuit Systems ICS843004AGIT Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
843004AGI
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 11, 2005
11
Integrated
Circuit
Systems, Inc.
ICS843004I
FEMTOCLOCKS™CRYSTAL-TO-
3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the ICS843004I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the ICS843004I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC = 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
Power (core)
MAX = VCC_MAX * IEE_MAX = 3.465V * 130mA = 450.45mW
Power (outputs)
MAX = 30mW/Loaded Output pair
If all outputs are loaded, the total power is 4 * 30mW = 120mW
Total Power
_MAX (3.465V, with all outputs switching) = 450.45mW + 120mW = 570.45mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockSTM devices is 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
T
A = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a
moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 65°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.571W * 65°C/W = 122.1°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (single layer or multi-layer).
TABLE 6. THERMAL RESISTANCE
θθθθθ
JA
FOR
24-PIN TSSOP, FORCED CONVECTION
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65°C/W
62°C/W


Similar Part No. - ICS843004AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004AGI-01 ICST-ICS843004AGI-01 Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004AGI-01LF ICST-ICS843004AGI-01LF Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004AGI-01LFT ICST-ICS843004AGI-01LFT Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004AGI-01T ICST-ICS843004AGI-01T Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004AGI-04 ICST-ICS843004AGI-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843004AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843003I-01 ICST-ICS843003I-01 Datasheet
197Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com