Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843004A01 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS843004A01
Description  FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843004A01 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS843004A01 Datasheet HTML 3Page - Integrated Circuit Systems ICS843004A01 Datasheet HTML 4Page - Integrated Circuit Systems ICS843004A01 Datasheet HTML 5Page - Integrated Circuit Systems ICS843004A01 Datasheet HTML 6Page - Integrated Circuit Systems ICS843004A01 Datasheet HTML 7Page - Integrated Circuit Systems ICS843004A01 Datasheet HTML 8Page - Integrated Circuit Systems ICS843004A01 Datasheet HTML 9Page - Integrated Circuit Systems ICS843004A01 Datasheet HTML 10Page - Integrated Circuit Systems ICS843004A01 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
843004AG-01
www.icst.com/products/hiperclocks.html
REV. B MAY 6, 2005
7
Integrated
Circuit
Systems, Inc.
ICS843004-01
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL FREQUENCY SYNTHESIZER
PARAMETER MEASUREMENT INFORMATION
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
Q0:Q3
RMS PHASE JITTER
OUTPUT SKEW
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
2V
-1.3V±0.165V
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
V
CC,
V
CCA, VCCO
V
EE
nQ0:nQ3
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
tsk(o)
Qy
Qx
nQy
nQx
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot


Similar Part No. - ICS843004A01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004A02 ICST-ICS843004A02 Datasheet
183Kb / 12P
   CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843004A01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003I-01 ICST-ICS843003I-01 Datasheet
197Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com