Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843003AGI-01T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS843003AGI-01T
Description  FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843003AGI-01T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS843003AGI-01T Datasheet HTML 1Page - Integrated Circuit Systems ICS843003AGI-01T Datasheet HTML 2Page - Integrated Circuit Systems ICS843003AGI-01T Datasheet HTML 3Page - Integrated Circuit Systems ICS843003AGI-01T Datasheet HTML 4Page - Integrated Circuit Systems ICS843003AGI-01T Datasheet HTML 5Page - Integrated Circuit Systems ICS843003AGI-01T Datasheet HTML 6Page - Integrated Circuit Systems ICS843003AGI-01T Datasheet HTML 7Page - Integrated Circuit Systems ICS843003AGI-01T Datasheet HTML 8Page - Integrated Circuit Systems ICS843003AGI-01T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
843003AGI-01
www.icst.com/products/hiperclocks.html
REV. A MAY 26, 2005
4
Integrated
Circuit
Systems, Inc.
ICS843003I-01
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 3C. OUTPUT BANK CONFIGURATION SELECT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
1
A
L
E
S
_
V
I
D0
A
L
E
S
_
V
I
DA
Q
00
1
÷
01
2
÷
10
3
÷
11
4
÷
TABLE 3D. FEEDBACK DIVIDER CONFIGURATION SELECT FUNCTION TABLE
s
t
u
p
n
I
V
I
D
_
B
Fe
d
i
v
i
D
k
c
a
b
d
e
e
F
05
2
÷
12
3
÷
s
t
u
p
n
Is
t
u
p
t
u
O
1
B
L
E
S
_
V
I
D0
B
L
E
S
_
V
I
DB
Q
00
2
÷
01
4
÷
10
5
÷
11
8
÷
FIGURE 1. CLK_EN TIMING DIAGRAM
Enabled
Disabled
TEST_CLK
CLK_ENx
nQA0,
nQB0:nQB1
QA0,
QB0:QB1
TABLE 3E. CLK_ENA SELECT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
A
N
E
_
K
L
C0
A
Q0
A
Q
n
0W
O
LH
G
I
H
1e
v
i
t
c
Ae
v
i
t
c
A
TABLE 3F. CLK_ENB SELECT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
B
N
E
_
K
L
C1
B
Q
:
0
B
Q1
B
Q
n
:
0
B
Q
n
0W
O
LH
G
I
H
1e
v
i
t
c
Ae
v
i
t
c
A


Similar Part No. - ICS843003AGI-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843003AGI-01LF IDT-ICS843003AGI-01LF Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843003AGI-01LFT IDT-ICS843003AGI-01LFT Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results

Similar Description - ICS843003AGI-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com