Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843003AI01 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS843003AI01
Description  FEMTOCLOCKS-TM CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843003AI01 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS843003AI01 Datasheet HTML 5Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 6Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 7Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 8Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 9Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 10Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 11Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 12Page - Integrated Circuit Systems ICS843003AI01 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
843003AGI-01
www.icst.com/products/hiperclocks.html
REV. A MAY 26, 2005
10
Integrated
Circuit
Systems, Inc.
ICS843003I-01
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
PRELIMINARY
TERMINATION FOR 3.3V LVPECL OUTPUT
V
CC - 2V
50
Ω
50
Ω
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
Ω
125
Ω
84
Ω
84
Ω
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
The clock layout topology shown below is a typical termi-
nation for LVPECL outputs. The two different layouts men-
tioned are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, ter-
minating resistors (DC current path to ground) or current
sources must be used for functionality. These outputs are
FIGURE 4B. LVPECL OUTPUT TERMINATION
FIGURE 4A. LVPECL OUTPUT TERMINATION
designed to drive 50
Ω transmission lines. Matched imped-
ance techniques should be used to maximize operating
frequency and minimize signal distortion.
Figures 4A and
4B show two different layouts which are recommended
only as guidelines. Other suitable clock layouts may exist
and it would be recommended that the board designers
simulate to guarantee compatibility across all printed cir-
cuit and clock component process variations.


Similar Part No. - ICS843003AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003AG ICST-ICS843003AG Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003AGI-01LF IDT-ICS843003AGI-01LF Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843003AGI-01LFT IDT-ICS843003AGI-01LFT Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843003AGLF IDT-ICS843003AGLF Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843003AGLFT IDT-ICS843003AGLFT Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
More results

Similar Description - ICS843003AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004-01 ICST-ICS843004-01 Datasheet
227Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843004I ICST-ICS843004I Datasheet
256Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843002I-01 ICST-ICS843002I-01 Datasheet
208Kb / 15P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-01 ICST-ICS843004I-01 Datasheet
254Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002I ICST-ICS843002I Datasheet
211Kb / 16P
   FEMTOCLOCKS-TM CRYSTAL-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843020-01 ICST-ICS843020-01 Datasheet
218Kb / 20P
   FEMTOCLOCKS-TM 680MHZ, CRYSTAL-TO- 3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com