Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843071AGILF Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS843071AGILF
Description  FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843071AGILF Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS843071AGILF Datasheet HTML 4Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 9Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 10Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 11Page - Integrated Circuit Systems ICS843071AGILF Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
843071AGI
www.icst.com/products/hiperclocks.html
REV. A JANUARY 11, 2006
8
Integrated
Circuit
Systems, Inc.
ICS843071I
FEMTOCLOCKS™CRYSTAL-TO- LVPECL
CLOCK GENERATOR
APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS843071I provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC and VCCA should
be
individually
connected
to
the
power
supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required. Figure 1 illustrates how
a 10
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
CCA pin.
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V or 2.5V
.01
μF
V
CC
Figure 2. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
The ICS843071I has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 2 below were determined using an 18pF parallel reso-
nant crystal and were chosen to minimize the ppm error. The
optimum C1 and C2 values can be slightly adjusted for differ-
ent board layouts.
ICS84332
XTAL_IN
XTAL_OUT
X1
18pF Parallel Cry stal
C2
22p
C1
22p
ICS843071I


Similar Part No. - ICS843071AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-51 ICST-ICS8430-51 Datasheet
151Kb / 16P
   600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
   700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843071AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
NV021 IDT-NV021 Datasheet
164Kb / 14P
   Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
NV021 RENESAS-NV021 Datasheet
354Kb / 15P
   Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
January 26, 2016
logo
Integrated Device Techn...
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843021 ICST-ICS843021 Datasheet
189Kb / 13P
   FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com