Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS664-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS664-01
Description  Digital Video Clock Source
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS664-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS664-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS664-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Digital Video Clock Source
MDS 664-01 A
4
Revision 050704
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS664-01
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS664-01. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature 0 to +70
° C
Item
Rating
Supply Voltage, VDD
5.5 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
VDDO
2.5
VDD
V
Supply Current
IDD
No Load
35
mA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -20 mA
2.4
V
Output Low Voltage
VOL
IOL = 20 mA
0.4
V
Short Circuit Current
IOS
Each output
±65
mA
Nominal Output Impedance
ZOUT
20
Input Capacitance
CIN
Input pins
7
pF
Internal Pull-up Resistor
RPU
120
k


Similar Part No. - ICS664-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
More results

Similar Description - ICS664-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
   DIGITAL VIDEO CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
   Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
100907
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
   DIGITAL VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS660 ICST-ICS660 Datasheet
127Kb / 6P
   Digital Video Clock Source
ICS664-04 ICST-ICS664-04 Datasheet
103Kb / 6P
   PECL Digital Video Clock Source
ICS664-02 ICST-ICS664-02 Datasheet
102Kb / 6P
   PECL Digital Video Clock Source
logo
Renesas Technology Corp
ICS664-02 RENESAS-ICS664-02 Datasheet
360Kb / 8P
   PECL DIGITAL VIDEO CLOCK SOURCE
051310
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com