Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS662M-02 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS662M-02
Description  NTSC/PAL AUDIO CLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS662M-02 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS662M-02 Datasheet HTML 1Page - Integrated Circuit Systems ICS662M-02 Datasheet HTML 2Page - Integrated Circuit Systems ICS662M-02 Datasheet HTML 3Page - Integrated Circuit Systems ICS662M-02 Datasheet HTML 4Page - Integrated Circuit Systems ICS662M-02 Datasheet HTML 5Page - Integrated Circuit Systems ICS662M-02 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTSC/PAL AUDIO CLOCK
MDS 662-02 A
3
Revision 100803
Int e gr ated C i rcui t S ystems l 525 Ra ce S tre et, Sa n Jose, C A 951 26 l t e l (408) 295-9 800 l w w w. i cst . c om
ICS662-02
External Components
Decoupling Capacitor
As with any high performance mixed-signal IC, the
ICS662-02 must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and GND on pins 2 and 3. It must be
connected close to the ICS662-02 to minimize lead
inductance. No external power supply filtering is
required for the ICS662-02.
Series Termination Resistor
A 33
W terminating resistor can be used next to the
clock outputs for trace lengths over one inch.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS662-02. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
-0.5 V to 4 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V


Similar Part No. - ICS662M-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS662M-03 IDT-ICS662M-03 Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03LF IDT-ICS662M-03LF Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03LFT IDT-ICS662M-03LFT Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03T IDT-ICS662M-03T Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
More results

Similar Description - ICS662M-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
   NTSC/PAL Clock Source
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
   NTSC/PAL Clock Source
logo
Renesas Technology Corp
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
   NTSC/PAL Clock Source
092104
logo
Micro Linear Corporatio...
ML6430 MICRO-LINEAR-ML6430 Datasheet
384Kb / 33P
   Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com