Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS662M-02TR Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS662M-02TR
Description  NTSC/PAL AUDIO CLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS662M-02TR Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS662M-02TR Datasheet HTML 1Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 2Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 3Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 4Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 5Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTSC/PAL AUDIO CLOCK
MDS 662-02 A
5
Revision 100803
Int e gr ated C i rcui t S ystems l 525 Ra ce S tre et, Sa n Jose, C A 951 26 l t e l (408) 295-9 800 l w w w. i cst . c om
ICS662-02
Note 1: Measured with 15 pF load.
Thermal Characteristics
Output Clock Duty Cycle
at VDD/2, Note 1
45
55
%
Maximum Absolute Jitter, short
term
Deviation from mean,
Note 1
±100
ps
Maximum Absolute Jitter, long term
Deviation from mean,
Note 1, 10
ms delay
±400
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
qJA
Still air
150
°C/W
qJA
1 m/s air flow
140
°C/W
qJA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
qJC
40
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units


Similar Part No. - ICS662M-02TR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS662M-03 IDT-ICS662M-03 Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03LF IDT-ICS662M-03LF Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03LFT IDT-ICS662M-03LFT Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03T IDT-ICS662M-03T Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
More results

Similar Description - ICS662M-02TR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
   NTSC/PAL Clock Source
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
   NTSC/PAL Clock Source
logo
Renesas Technology Corp
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
   NTSC/PAL Clock Source
092104
logo
Micro Linear Corporatio...
ML6430 MICRO-LINEAR-ML6430 Datasheet
384Kb / 33P
   Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com