Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS662M-02TR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS662M-02TR
Description  NTSC/PAL AUDIO CLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS662M-02TR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS662M-02TR Datasheet HTML 1Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 2Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 3Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 4Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 5Page - Integrated Circuit Systems ICS662M-02TR Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTSC/PAL AUDIO CLOCK
MDS 662-02 A
2
Revision 100803
Int e gr ated C i rcui t S ystems l 525 Ra ce S t re et, Sa n Jose, C A 951 26 l t e l (408) 295-9 800 l w w w. i cst . c om
ICS662-02
Pin Assignment
8 pin (150 mil) SOIC
CLOCK OUTPUT SELECT TABLE
* -0.16 ppm compared to PAL specification
Pin Descriptions
REF
VDD
GND
OE/PD
S2
S1
CLK
S0
1
2
3
4
8
7
6
5
S2
S1
S0
Input
Frequency
Output
Frequency
Video
Std.
00
0
14.31818
8.192
NTSC
00
1
14.31818
11.2896
NTSC
01
0
14.31818
12.288
NTSC
01
1
14.31818
24.576
NTSC
1
0
0
17.73447205*
8.192
PAL
1
0
1
17.73447205*
11.2896
PAL
1
1
0
17.73447205*
12.288
PAL
1
1
1
17.73447205*
24.576
PAL
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
REF
Input
Reference clock input.
2
VDD
Power
Connect to +3.3 V.
3
GND
Power
Connect to ground.
4
S2
Input
Output frequency selection Pin 2. Determines output frequency as per
table above.
5
CLK
Output
Clock output per table above.
6
S1
Input
Output frequency selection Pin 1. Determines output frequency as per
table above.
7OE/PD
Input
Output enable. Powers down PLL and tri-states output with weak
pull-down when low.
8
S0
Input
Output frequency selection Pin 0. Determines output frequency as per
table above.


Similar Part No. - ICS662M-02TR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS662M-03 IDT-ICS662M-03 Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03LF IDT-ICS662M-03LF Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03LFT IDT-ICS662M-03LFT Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
ICS662M-03T IDT-ICS662M-03T Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
More results

Similar Description - ICS662M-02TR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2712 ICST-MK2712 Datasheet
56Kb / 4P
   NTSC/PAL Clock Source
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
   NTSC/PAL Clock Source
logo
Renesas Technology Corp
MK2712 RENESAS-MK2712 Datasheet
237Kb / 5P
   NTSC/PAL Clock Source
092104
logo
Micro Linear Corporatio...
ML6430 MICRO-LINEAR-ML6430 Datasheet
384Kb / 33P
   Genlocking Sync Generator with Digital Audio Clock for NTSC, PAL & VGA
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
M52390FP MITSUBISHI-M52390FP Datasheet
235Kb / 22P
   NTSC/PAL ENCODER
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com