Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS650-44 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS650-44
Description  Spread Spectrum Clock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-44 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS650-44 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 6Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 7Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 8Page - Integrated Circuit Systems ICS650-44 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Spread Spectrum Clock Synthesizer
MDS 650-44 C
5
Revision 080305
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
PRELIM INAR Y INFORM A T ION
ICS650-44
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, VDDO = 2.5 V ±5% , Ambient Temperature -40 to +85
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Supply Current
IDD
no load
27
mA
PDTS = 0, no load
40
uA
IDDO
no load
4
mA
PDTS = 0, no load
1
uA
Input High Voltage
VIH
FS3:0, PDTS
2V
Input Low Voltage
VIL
FS3:0, PDTS
0.8
V
Input High Voltage
VIH
X1/CLKIN
0.7 x
VDD
V
Input Low Voltage
VIL
X1/CLKIN
0.3 x
VDD
V
Output High Voltage
VOH
IOH = -4 mA
1.8
V
Output Low Voltage
VOL
IOL = 4 mA
0.6
V
Short Circuit Current
IOS
±50
mA
Nominal Output
Impedance
ZO
20
Internal Pull-up Resistor
RPU
FS3:0, PDTS
360
k
Input Leakage Current
II
FS3:0, PDTS, VIN=VDD
1
uA
Internal Pull-down
Resistor
RPD
CLK outputs
900
k
Input Capacitance
CIN
Inputs
4
pF


Similar Part No. - ICS650-44

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS650-44 IDT-ICS650-44 Datasheet
227Kb / 11P
   Packaged in 16-pin TSSOP
logo
Renesas Technology Corp
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
More results

Similar Description - ICS650-44

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com