Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH375QWLA Datasheet(PDF) 3 Page - Anachip Corp

Part # AH375QWLA
Description  Single Phase Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH375QWLA Datasheet(HTML) 3 Page - Anachip Corp

  AH375QWLA Datasheet HTML 1Page - Anachip Corp AH375QWLA Datasheet HTML 2Page - Anachip Corp AH375QWLA Datasheet HTML 3Page - Anachip Corp AH375QWLA Datasheet HTML 4Page - Anachip Corp AH375QWLA Datasheet HTML 5Page - Anachip Corp AH375QWLA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AH375
Single Phase Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jan. 09, 2006
3/6
Absolute Maximum Ratings ( at Ta=25oC )
Characteristics
Symbol
Values
Unit
Supply Voltage
Vdd
20
V
Magnetic Flux Density
B
Unlimited
Output OFF Voltage
VDS
30
V
Output “On” Current
Continuous
Id
25
mA
Operating Temperature Range
Ta
-40~+125
°C
Storage Temperature Range
Ts
-65~+150
°C
Maximum Junction Temp.
Tj
150
°C
SIP-3L
550
mW
Package Power Dissipation
SOT23-3L
Pd
230
mW
SIP-3L
227
Thermal Resistance
SOT23-3L
θjc
543
°C/W
Electrical Characteristics (Ta=+ 25°C, Vdd =12V)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Vdd
2.2
-
20
V
Output Saturation Voltage
Vds(sat)
Iout=20mA
-
300
700
mV
Output Leakage Current
Ioff
VDD =14V
-
<0.1
10
uA
Supply Current
Idd
Output Open
-
2
4
mA
Output Rise Time
tr
RL=820Ω, CL=20Pf
-
0.1
1
us
Output Falling Time
tf
RL=820Ω, CL=20pF
-
0.1
1
us
Test Circuit
CL
12V
OUT
RL=820 Ohm
CL=20 pF
RL
Test Circuit
Magnetic Characteristics (Ta=25°C, Vdd =2.5V to 20V)
(1mT=10Gauss)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
5
30
60
Gauss
Release Point
Brp
-60
-30
-5
Gauss
Hysteresis
Bhys
-
60
-
Gauss


Similar Part No. - AH375QWLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375Q-PL ANACHIP-AH375Q-PL Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375Q-PLA ANACHIP-AH375Q-PLA Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375Q-WL ANACHIP-AH375Q-WL Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375Q-WLA ANACHIP-AH375Q-WLA Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
More results

Similar Description - AH375QWLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com