Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH375EWLA Datasheet(PDF) 1 Page - Anachip Corp

Part # AH375EWLA
Description  Single Phase Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH375EWLA Datasheet(HTML) 1 Page - Anachip Corp

  AH375EWLA Datasheet HTML 1Page - Anachip Corp AH375EWLA Datasheet HTML 2Page - Anachip Corp AH375EWLA Datasheet HTML 3Page - Anachip Corp AH375EWLA Datasheet HTML 4Page - Anachip Corp AH375EWLA Datasheet HTML 5Page - Anachip Corp AH375EWLA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AH375
Single Phase Hall Effect Latch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.3 Jan. 09, 2006
1/6
Features
- 2.2V to 20V DC operation voltage
- Temperature compensation
- Wide operating voltage range
- Open drain pre-driver
- 25mA maximum sinking output current
- Package: SIP3, SOT23
Applications
- Brush-less DC Motor
- Brush-less DC Fan
- Revolution counting
- Speed measurement
General Description
AH375 is an integrated Hall effect latched sensor
designed for electronic commutation of brush-less
DC motor applications. The device includes an
on-chip Hall voltage generator for magnetic sensing,
a comparator that amplifies the Hall voltage, and a
schmitt trigger to provide switching hysteresis for
noise rejection, and open drain output. An internal
bandgap regulator is used to provide temperature
compensated supply voltage for internal circuits
and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop,
DO is turned on(low). The output state is held until
a magnetic flux density reversal falls below Brp
causing DO to be turned off (high).
Pin Assignments
375
1
2 : GND
3 : OUT
23
375
1
2
3
1 : Vdd
(Top view)
(SIP package)
(SOT23 package)
Pin Descriptions
Name
P/I/O
Pin #
Description
Vdd
P
1
Positive Power Supply
GND
P
2
Ground
OUT
O
3
Output Pin
Ordering Information
AH375 X - X X X
Packing
Blank : Bulk
A
: Tape & Reel
P: SIP3
W: SOT23
Package
Lead
L : Lead Free
Wafer Body
Blank or
A~Z : if necessary
to specify


Similar Part No. - AH375EWLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375E-PL ANACHIP-AH375E-PL Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375E-PLA ANACHIP-AH375E-PLA Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375E-WL ANACHIP-AH375E-WL Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
AH375E-WLA ANACHIP-AH375E-WLA Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
More results

Similar Description - AH375EWLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com