Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS843001AGI-23T Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS843001AGI-23T
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843001AGI-23T Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS843001AGI-23T Datasheet HTML 1Page - Integrated Circuit Systems ICS843001AGI-23T Datasheet HTML 2Page - Integrated Circuit Systems ICS843001AGI-23T Datasheet HTML 3Page - Integrated Circuit Systems ICS843001AGI-23T Datasheet HTML 4Page - Integrated Circuit Systems ICS843001AGI-23T Datasheet HTML 5Page - Integrated Circuit Systems ICS843001AGI-23T Datasheet HTML 6Page - Integrated Circuit Systems ICS843001AGI-23T Datasheet HTML 7Page - Integrated Circuit Systems ICS843001AGI-23T Datasheet HTML 8Page - Integrated Circuit Systems ICS843001AGI-23T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
843001AGI-23
www.icst.com/products/hiperclocks.html
REV. B JANUARY 6, 2006
5
Integrated
Circuit
Systems, Inc.
ICS843001I-23
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL/LVCMOS
FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 4E. LVPECL DC CHARACTERISTICS, V
CC = VCCA = VCCO_LVPECL = 3.3V±5%
OR
2.5V±5%, OR
V
CC = VCCA = 3.3V±5%, VCCO_LVPECL = 2.5V±5%, TA = -40°C
TO
85°C
TABLE 4D. LVCMOS / LVTTL DC CHARACTERISTICS, V
CC = VCCA = VCCO_LVCMOS = 3.3V±5%
OR
2.5V±5%, OR
V
CC = VCCA = 3.3V±5%, VCCO_LVCMOS = 2.5V±5%, TA = -40°C
TO
85°C
TABLE 4C. POWER SUPPLY DC CHARACTERISTICS, V
CC = VCCA = VCCO_LVPECL, VCCO_LVCMOS = 2.5V±5%, TA = -40°C
TO
85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C5
2
6
.
25
.
25
2
6
.
2V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A5
2
6
.
25
.
25
2
6
.
2V
V
L
C
E
P
V
L
_
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O5
2
6
.
25
.
25
2
6
.
2V
V
S
O
M
C
V
L
_
O
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O5
2
6
.
25
.
25
2
6
.
2V
I
E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
=
F
E
R
_
E
OD
B
TA
m
z
H
M
4
5
.
9
2
=
T
U
O
_
F
E
R
,
1
=
F
E
R
_
E
OD
B
TA
m
I
A
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
5A
m
I
L
C
E
P
V
L
_
O
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O0
=
F
E
R
_
E
OD
B
TA
m
I
S
O
M
C
V
L
_
O
C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
Oz
H
M
4
5
.
9
2
=
T
U
O
_
F
E
R
,
1
=
F
E
R
_
E
OD
B
TA
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
C
C
V
3
.
3
=2
V
C
C
3
.
0
+V
V
C
C
V
5
.
2
=7
.
1V
C
C
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
C
C
V
3
.
3
=3
.
0
-8
.
0V
V
C
C
V
5
.
2
=3
.
0
-7
.
0V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
1
L
E
S
,
0
L
E
S
,
K
L
C
1
N
,
0
N
,
R
M
,
F
E
R
_
E
O
V
C
C
V
=
N
I
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
0
5
1A
µ
2
M
:
0
M
,
2
N
V
C
C
V
=
N
I
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
5A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
1
L
E
S
,
0
L
E
S
,
K
L
C
1
N
,
0
N
,
R
M
,
F
E
R
_
E
O
V
C
C
,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=
V
N
I
V
0
=
5
-A
µ
2
M
:
0
M
,
2
N
V
C
C
,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ
V
H
O
h
g
i
H
t
u
p
t
u
O
1
E
T
O
N
;
e
g
a
t
l
o
V
T
U
O
_
F
E
R
V
S
O
M
C
V
L
_
O
C
C
V
5
6
4
.
3
=6
.
2V
V
S
O
M
C
V
L
_
O
C
C
V
5
2
6
.
2
=8
.
1V
V
L
O
w
o
L
t
u
p
t
u
O
1
E
T
O
N
;
e
g
a
t
l
o
V
T
U
O
_
F
E
R
V
S
O
M
C
V
L
_
O
C
C
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
5
.
0V
Δ /
V
ΔT
e
t
a
R
e
g
d
E
t
u
p
n
IK
L
C%
0
8
-
%
0
2D
B
Ts
n
/
V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
S
O
M
C
V
L
_
O
C
C
,
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
s
m
a
r
g
a
i
d
"
m
a
r
g
a
i
D
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
"
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
L
C
E
P
V
L
_
O
C
C
4
.
1
-V
L
C
E
P
V
L
_
O
C
C
9
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
L
C
E
P
V
L
_
O
C
C
0
.
2
-V
L
C
E
P
V
L
_
O
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
L
C
E
P
V
L
_
O
C
C
.
V
2
-


Similar Part No. - ICS843001AGI-23T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843001AGI-22 ICST-ICS843001AGI-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843001AGI-22LF ICST-ICS843001AGI-22LF Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843001AGI-22LFT ICST-ICS843001AGI-22LFT Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843001AGI-22T ICST-ICS843001AGI-22T Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843001AGI-23T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843004 ICST-ICS843004 Datasheet
299Kb / 16P
   FEMTOCLOCKS??LVCMOS/CRYSTAL-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
843004 RENESAS-843004 Datasheet
356Kb / 20P
   FemtoClocks™ LVCMOS/Crystal-to-3.3V LVPECL Frequency Synthesizer
5/26/15
logo
Integrated Circuit Syst...
ICS843001I-22 ICST-ICS843001I-22 Datasheet
211Kb / 17P
   FEMTOCLOCKS??CRYSTAL/LVCMOS-TO-3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
ICS843004I-04 ICST-ICS843004I-04 Datasheet
186Kb / 14P
   FEMTOCLOCKS-TM CRYSTAL/LVCMOS-TO- 3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003AGLF IDT-843003AGLF Datasheet
1Mb / 21P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com