Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS85310AI21N Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS85310AI21N
Description  LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85310AI21N Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS85310AI21N Datasheet HTML 7Page - Integrated Circuit Systems ICS85310AI21N Datasheet HTML 8Page - Integrated Circuit Systems ICS85310AI21N Datasheet HTML 9Page - Integrated Circuit Systems ICS85310AI21N Datasheet HTML 10Page - Integrated Circuit Systems ICS85310AI21N Datasheet HTML 11Page - Integrated Circuit Systems ICS85310AI21N Datasheet HTML 12Page - Integrated Circuit Systems ICS85310AI21N Datasheet HTML 13Page - Integrated Circuit Systems ICS85310AI21N Datasheet HTML 14Page - Integrated Circuit Systems ICS85310AI21N Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
85310AYI-21
www.icst.com/products/hiperclocks.html
REV. D JUNE 30, 2005
11
Integrated
Circuit
Systems, Inc.
ICS85310I-21
LOW SKEW, DUAL, 1-TO-5
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
3. Calculations and Equations.
LVPECL output driver circuit and termination are shown in Figure 5.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
CCO
- 2V.
For logic high, V
OUT
= V
OH_MAX
= V
CCO_MAX
– 1.0V
(V
CCO_MAX
- V
OH_MAX
) = 1.0V
For logic low, V
OUT
= V
OL_MAX
= V
CCO_MAX
– 1.7V
(V
CCO_MAX
- V
OL_MAX
) = 1.7V
Pd_H = [(V
OH_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OH_MAX
) = [(2V - (V
CCO_MAX
- V
OH_MAX
))/R
L
] * (V
CCO _MAX
- V
OH_MAX
) =
[(2V - 1V)/50
Ω] * 1V = 20.0mW
Pd_L = [(V
OL_MAX
– (V
CCO_MAX
- 2V))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) = [(2V - (V
CCO_MAX
- V
OL_MAX
))/R
L
] * (V
CCO_MAX
- V
OL_MAX
) =
[(2V - 1.7V)/50
Ω] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30.2mW
Figure 5. LVPECL DRIVER CIRCUIT AND TERMINATION
Q1
V
OUT
V
CCO
RL
50
V
CCO - 2V


Similar Part No. - ICS85310AI21N

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85310AI11L ICST-ICS85310AI11L Datasheet
190Kb / 16P
   LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
More results

Similar Description - ICS85310AI21N

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85310I-31 ICST-ICS85310I-31 Datasheet
204Kb / 16P
   LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
ICS853210 ICST-ICS853210 Datasheet
275Kb / 15P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85310I-31 RENESAS-85310I-31 Datasheet
233Kb / 17P
   Low Skew, Dual, 1-to-5, 2.5V/3.3V Differential-to-ECL/LVPECL Fanout Buffer
REVISION E 11/9/15
85310I-21 RENESAS-85310I-21 Datasheet
290Kb / 17P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
June 24, 2016
logo
Integrated Circuit Syst...
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
   LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S014I RENESAS-ICS853S014I Datasheet
445Kb / 21P
   Low Skew, 1-to-5, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
MAY 23, 2013
ICS853S013I RENESAS-ICS853S013I Datasheet
1,003Kb / 17P
   Low Skew, Dual, 1-to-3, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
AUGUST 20, 2010
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com