Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5222A01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # 5222A01
Description  DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

5222A01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  5222A01 Datasheet HTML 1Page - Integrated Circuit Systems 5222A01 Datasheet HTML 2Page - Integrated Circuit Systems 5222A01 Datasheet HTML 3Page - Integrated Circuit Systems 5222A01 Datasheet HTML 4Page - Integrated Circuit Systems 5222A01 Datasheet HTML 5Page - Integrated Circuit Systems 5222A01 Datasheet HTML 6Page - Integrated Circuit Systems 5222A01 Datasheet HTML 7Page - Integrated Circuit Systems 5222A01 Datasheet HTML 8Page - Integrated Circuit Systems 5222A01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
85222AM-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 15, 2005
5
Integrated
Circuit
Systems, Inc.
ICS85222-01
DUAL LVCMOS / LVTTL-TO-
DIFFERENTIAL HSTL TRANSLATOR
PARAMETER MEASUREMENT INFORMATION
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
HSTL
Qx
nQx
tsk(pp)
nQx
Qx
nQy
Qy
PART 1
PART 2
CLK0,
CLK1
nQ0, nQ1
Q0, Q1
t
PD
V
DD
2
V
DD
0V
3.3V ± 5%
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
nQ0, nQ1
Q0, Q1
GND
PART-TO-PART SKEW
SCOPE
HSTL
Qx
nQx
V
DD
0V
2.5V ± 5%
GND


Similar Part No. - 5222A01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5222 ETC2-5222 Datasheet
457Kb / 1P
   BATTERY CONTACTS FOR MOLDED CASES
logo
Connor-Winfield Corpora...
5222-44.736M CONNOR-WINFIELD-5222-44.736M Datasheet
96Kb / 2P
   2.5V LVCMOS SURFACE MOUNT 7.5x5mm CRYSTAL CLOCK OSCILLATOR
logo
Broadcom Corporation.
5222-DS00-R BOARDCOM-5222-DS00-R Datasheet
1Mb / 76P
   Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
5222-DS01-R BOARDCOM-5222-DS01-R Datasheet
1Mb / 76P
   Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
5222-DS02-R BOARDCOM-5222-DS02-R Datasheet
1Mb / 76P
   Dual Port 10/100BASE-TX IEEE 802.3u Fast Ethernet Transceiver
More results

Similar Description - 5222A01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85222 IDT-85222 Datasheet
152Kb / 13P
   Dual LVCMOS / LVTTL-TO-Differential
logo
List of Unclassifed Man...
T73LVP22 ETC1-T73LVP22 Datasheet
293Kb / 4P
   Dual 3.3V LVTTL/LVCMOS-to-Differential
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Micrel Semiconductor
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
SY89322V MICREL-SY89322V_09 Datasheet
47Kb / 5P
   3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
   Dual LVCMOS / LVTTL-to-Differential HSTL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Renesas Technology Corp
85222 RENESAS-85222 Datasheet
358Kb / 14P
   Dual LVCMOS / LVTTL-TO-Differential LVHSTL Translator
5/7/15
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com