Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6182K Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN6182K
Description  Recording and playing amplifier IC for answering telephones
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6182K Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN6182K Datasheet HTML 1Page - Panasonic Semiconductor AN6182K Datasheet HTML 2Page - Panasonic Semiconductor AN6182K Datasheet HTML 3Page - Panasonic Semiconductor AN6182K Datasheet HTML 4Page - Panasonic Semiconductor AN6182K Datasheet HTML 5Page - Panasonic Semiconductor AN6182K Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
21
22
23
24
LIN in
MIC in
PRE VCC
PRE GND
Pin No.
Symbol
Description
s Pin Descriptions (cont.)
Line preamplifier input
Line receiver signals are input through a capacitor and a resistor to this pin, and then amplified to be
output from Pin18. The statuses of Pins7 and 8 enable or disable the signals. The input impedance
with ALC OFF is 10k
Ω.
MIC preamplifier input
MIC signals are input through a capacitor and a resistor to this pin, and then amplified to be output
from Pin18. The statuses of Pins7 and 8 enable or disable the signals. The input impedance with
ALC OFF is 10k
Ω.
Preamplifier internal regulated supply voltage output
This pin should be grounded through a 220
µF capacitor. The output voltage is typically 4.2V. The
output can be used as an ECM bias current source.
Preamplifier ground
This is the ground pin for the preamplifier circuits.
1
2
3
4
5
6
7
8
9
10
11
12
Loudspeaker amplifier power supply input
Loudspeaker amplifier output
Loudspeaker amplifier ground
Loudspeaker amplifier inverse input
Loudspeaker amplifier non-inverting input
Loudspeaker amplifier mute control
Preamplifier mute control
MIC/line preamplifier switching
REC/PLAY switching
VOX output
VOX detection control
Internal reference supply voltage output
Pin No.
Description
Pin No.
Description
13
14
15
16
17
18
19
20
21
22
23
24
Equalizer amplifier output
Equalizer amplifier inverting input
To the REC/PLAY head
REC gain control
VOX amplifier input
Preamplifier output
Preamplifier inverting input
ALC detection control
Line preamplifier input
MIC preamplifier input
Preamplifier internal regulated supply voltage output
Preamplifier ground
s Pin Descriptions


Similar Part No. - AN6182K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN610 VISHAY-AN610 Datasheet
1Mb / 17P
   PolarPAK Solder Joint Reliability Based on Thermal Fatigue IPC-9701
31-Aug-05
logo
Microchip Technology
AN610 MICROCHIP-AN610 Datasheet
82Kb / 9P
   Using the 24LC21 Dual Mode Serial EEPROM
2002
logo
Silicon Laboratories
AN610 SILABS-AN610 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
logo
Panasonic Semiconductor
AN6107 PANASONIC-AN6107 Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
AN6107SA PANASONIC-AN6107SA Datasheet
23Kb / 2P
   Digital Communication IF Amplifier IC
More results

Similar Description - AN6182K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2806M SANYO-LA2806M Datasheet
177Kb / 11P
   Signal Processor and Power Amplifier IC for Telephone Answering Machines
logo
Rohm
BD3822FS ROHM-BD3822FS_05 Datasheet
501Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording/Playing
logo
Toshiba Semiconductor
TA7137P TOSHIBA-TA7137P Datasheet
300Kb / 4P
   PRE-AMPLIFIER(RECORDING OR PLAYING-BACK WITH ALC TRANSISTOR FOR TAPE RECORDER)
logo
List of Unclassifed Man...
AN7317 ETC-AN7317 Datasheet
538Kb / 6P
   Dual Recording and Playback Pre-Amplifier IC for SingleDouble Cassette
logo
Panasonic Semiconductor
AN3389SB PANASONIC-AN3389SB Datasheet
126Kb / 11P
   Recording/Playback Amplifier IC for 4-Head VCR
AN3328S PANASONIC-AN3328S Datasheet
75Kb / 8P
   2-head recording and playback amplifier IC A2 for HiFi VCR
AN7316 PANASONIC-AN7316 Datasheet
204Kb / 6P
   DUAL RECORDING AND PLAYBACK PRE-AMPLIFIER IC FOR SINGLE/DOUBLE CASSETTE
logo
List of Unclassifed Man...
UM93520 ETC-UM93520 Datasheet
612Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
UMC Corporation
UM93510 UMC-UM93510 Datasheet
708Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com