Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5114 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5114
Description  P-CHANNEL J-FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5114 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5114 Datasheet HTML 1Page - Microsemi Corporation 2N5114 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
P-CHANNEL J-FET
Qualified per MIL-PRF-19500/476
Devices
Qualified
Level
2N5114
2N5115
2N5116
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC =+25
0C unless otherwise noted)
Parameters / Test Conditions
Symbol
All Devices
Unit
Gate-Source Voltage
(1)
VGS
30
Vdc
Drain-Source Voltage
(1)
VDS
30
Vdc
Drain-Gate Voltage
VDG
30
Vdc
Gate Current
IG
50
mAdc
Power Dissipation
TA = +25
0C (2)
PT
0.500
W
Storage Temperature Range
Tstg
-65 to +200
0C
(1) Symmetrical geometry allows operation of those units with source/drain leads interchanged.
(2) Derate linearly 3.0 mW/
0C for TA > 250C.
TO-18*
(TO-206AA)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = +25
0C unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Units
Gate-Source Breakdown Voltage
VDS = 0, IG = 1.0
µAdc
V(BR)GSS
30
Vdc
Drain-Source “On” State Voltage
VGS = 0 Vdc, ID = -15 mAdc
2N5114
VGS = 0 Vdc, ID = -7.0 mAdc
2N5115
VGS = 0 Vdc, ID = -3.0 mAdc
2N5116
VDS(on)
1.3
0.8
0.6
Vdc
Gate Reverse Current
VDS = 0, VGS = 20 Vdc
IGSS
500
pAdc
Drain Current Cutoff
VGS = 12 Vdc, VDS = -15 Vdc
2N5114
VGS = 7.0 Vdc, VDS = -15 Vdc
2N5115
VGS = 5.0 Vdc, VDS = -15 Vdc
2N5116
ID(off)
-500
-500
-500
pAdc
pAdc
pAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N5114

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5114 CALOGIC-2N5114 Datasheet
33Kb / 2P
   P-Channel JFET Switch
logo
Linear Integrated Syste...
2N5114 LINEAR-2N5114 Datasheet
328Kb / 2P
   SINGLE P-CHANNEL JFET
logo
Intersil Corporation
2N5114 INTERSIL-2N5114 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Microsemi Corporation
2N5114 MICROSEMI-2N5114 Datasheet
60Kb / 2P
   P-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N5114 NJSEMI-2N5114 Datasheet
495Kb / 1P
   P-CHANNEL J-FET
More results

Similar Description - 2N5114

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5114 NJSEMI-2N5114 Datasheet
495Kb / 1P
   P-CHANNEL J-FET
logo
Microsemi Corporation
2N2609 MICROSEMI-2N2609_08 Datasheet
55Kb / 1P
   P-CHANNEL J-FET
2N2609 MICROSEMI-2N2609 Datasheet
45Kb / 1P
   P-CHANNEL J-FET
2N2608 MICROSEMI-2N2608 Datasheet
44Kb / 1P
   P-CHANNEL J-FET
2N5114 MICROSEMI-2N5114_08 Datasheet
60Kb / 2P
   P-CHANNEL J-FET
JAN2N2608 MICROSEMI-JAN2N2608 Datasheet
56Kb / 1P
   P-CHANNEL J-FET
2N4856 MICROSEMI-2N4856_09 Datasheet
49Kb / 2P
   N-CHANNEL J-FET
2N4416A MICROSEMI-2N4416A_08 Datasheet
56Kb / 1P
   N-CHANNEL J-FET
2N4416A MICROSEMI-2N4416A Datasheet
55Kb / 2P
   N-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N5393 NJSEMI-2N5393 Datasheet
79Kb / 1P
   N-CHANNEL J-FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com