Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

926C32-00 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 926C32-00
Description  Quad RS-422 Differential Line Driver Radiation Hardened
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

926C32-00 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  926C32-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 926C32-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 926C32-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 926C32-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 926C32-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 926C32-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
Document No. 70-0158-01
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
The PE926C32 is a high performance monolithic CMOS
RS-422 line receiver. Its operating supply range is 3.0 to
3.6V, with an input signal common mode range of +/-10V.
The PE926C32 offers higher speed and lower power than
other RS-422 receiver types. It is packaged in a flat pack
and is ideal for space applications.
The PE926C32 is manufactured in Peregrine’s patented
Ultra Thin Silicon (UTSi®) CMOS process, offering the
performance of GaAs with the economy and integration of
conventional CMOS.
Product Specification
Product Description
Figure 1. Package Drawing
PE926C32
Features
High-speed operation: < 15 nS typical
Low power: < 9 mA typical
3.3 V operation
Standard packaging: 16-lead flat pack
SEL Immune UTSi CMOS-on-sapphire
SEU <10-10 errors / bit-day
300 Krad Total Dose
Quad RS-422 Differential Line
Driver Radiation Hardened


Similar Part No. - 926C32-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
926C31-00 PEREGRINE-926C31-00 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
926C31-01 PEREGRINE-926C31-01 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
926C31-21 PEREGRINE-926C31-21 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
More results

Similar Description - 926C32-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CT31RH-T INTERSIL-HS-26CT31RH-T Datasheet
33Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com