Electronic Components Datasheet Search |
|
MAX4832EUT18D4 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX4832EUT18D4 Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 12 page Detailed Description The MAX4832/MAX4833 are ultra-low quiescent current, low-dropout linear regulators with an integrated current limiter. These devices guarantee up to 100mA drive capabilities and regulate the preset output voltage. The MAX4832 has a flag output that asserts low when the load current exceeds the current limit for more than the blanking time (tBLANK). The MAX4833 has a reset output that asserts low when the regulator output volt- age is below the reset threshold voltage (VRESET). VRESET is 87.5% of the nominal output voltage. Figure 1 shows the simplified functional diagram and Figure 2 shows the typical application circuits. FLAG Output (MAX4832) The open-drain FLAG output goes low and the LDO’s pass transistor is latched off when the current in the pass transistor is at its output current limit for more than the blanking time (tBLANK). Cycling IN, or SHDN (high to low to high) brings the device out of its latched-off state and back into normal operation. RESET Output (MAX4833) The RESET output asserts when one of the following conditions occurs: • The input voltage (VIN) is below the input undervolt- age lockout threshold (VUVLO). • The output voltage (VOUT) is below the reset thresh- old (VRESET). • SHDN is pulled low. • The device is in thermal shutdown. • When VOUT > VIN. RESET remains low for the reset timeout period (tRESET) after reset conditions are terminated. There are four RESET timeout periods available as shown in the Electrical Characteristics table. RESET is available in a push-pull configuration as shown in the Selector Guide. Shutdown Pull SHDN low to shut down the LDO and reduce the quiescent current consumption of the device from 90µA to 0.1µA. In shutdown mode, the pass transistor, con- trol circuit, and reference circuit are turned off. Connect SHDN to a supply voltage greater than VIH to turn on the LDO. 100mA LDO Linear Regulators with Current-Limiting Switch _______________________________________________________________________________________ 7 Pin Description PIN SOT23 TDFN NAME FUNCTION 11 IN Regulator Power Input. Bypass IN to GND with a 0.1µF ceramic capacitor. Install the bypass capacitor as close to the device as possible. 2 2 GND Ground 33 SHDN Active-Low Shutdown Input. Drive SHDN low to shutdown the regulator. Drive SHDN high or connect to IN for normal operation. FLAG (MAX4832) Overcurrent Flag. Open-drain FLAG goes low when the device senses sustained current exceeding the current-limit threshold for a duration longer than the blanking time. FLAG is high when SHDN is low or the device is in thermal shutdown. 44 RESET (MAX4833) Active-Low Reset Output. Push-pull RESET goes low when the voltage at OUT is below the reset threshold or when the voltage at OUT is greater than IN. RESET is low when SHDN is low or the device is in thermal shutdown. After the reset condition terminates, RESET remains low for the duration of the reset timeout period. 55 SS Soft-Start Control. Connect a capacitor, CSS, from SS to GND to program the output rise time at startup. No capacitor from SS to GND gives 1ms output rise time at startup. See the soft-start response time plots in the Typical Operating Characteristics. 6 6 OUT Regulator Output. Bypass OUT to GND with a 3.3µF or larger ceramic capacitor. The capacitor’s ESR should be less than 0.2 Ω for stable operation. —EP EP Exposed Pad. EP is internally connected to GND. Externally connect EP to GND to provide a low thermal resistance path from the IC junction to the PC board. |
Similar Part No. - MAX4832EUT18D4 |
|
Similar Description - MAX4832EUT18D4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |