Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4832EUT18D3 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4832EUT18D3
Description  100mA LDO Linear Regulators with Current-Limiting Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4832EUT18D3 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4832EUT18D3 Datasheet HTML 1Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 2Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 3Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 4Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 5Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 6Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 7Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 8Page - Maxim Integrated Products MAX4832EUT18D3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
100mA LDO Linear Regulators with
Current-Limiting Switch
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = VOUT + 1V, SHDN = IN, COUT = 3.3µF, TA = +25°C, unless otherwise noted.)
QUIESCENT CURRENT vs. INPUT VOLTAGE
(NO LOAD)
VIN (V)
5
4
3
2
1
20
40
60
80
100
120
0
06
TA = +85
°C
TA = -40
°C
TA = +25
°C
VOUT = 1.5V
QUIESCENT CURRENT vs. INPUT VOLTAGE
(100mA LOAD)
VIN (V)
5
4
3
2
1
50
100
150
200
250
300
350
0
06
TA = +85
°C
TA = +25
°C
TA = -40
°C
VOUT = 1.5V
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (mV)
10
15
30
45
60
75
90
0
1100
RESET ASSERTS
ABOVE THIS LINE
VIN = 3.5V
VOUT = 2.5V
DROPOUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
80
60
40
20
10
20
30
40
50
60
70
0
0100
VOUT = 3.3V
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
-70
-60
-50
-40
-30
-20
-10
0
-80
0.01
100
VOUT = 2V
COUT = 3.3
µF
ILOAD = 20mA
REGION OF STABLE COUT ESR
vs. LOAD CURRENT
LOAD CURRENT (mA)
90
80
60 70
20 30 40 50
10
1
2
3
4
5
6
7
8
9
10
0
0100
COUT = 4.7
µF
COUT = 3.3
µF
VOUT = 1.5V
STABLE REGION
OUTPUT NOISE vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
20
30
40
50
0
10
100k
VIN = 3V
VOUT = 1.8V
CSS = 10nF
ILOAD = 0
SOFT-START RESPONSE
(CSS = FLOATING)
MAX4832 toc08
VSS
1V/div
VOUT
2V/div
VIN
2V/div
2ms/div
tSS


Similar Part No. - MAX4832EUT18D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX483 MAXIM-MAX483 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX483 MAXIM-MAX483 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX483 MAXIM-MAX483 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX483 MAXIM-MAX483 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX483 MAXIM-MAX483 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4832EUT18D3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4834 MAXIM-MAX4834 Datasheet
350Kb / 12P
   250mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
MAX4836 MAXIM-MAX4836 Datasheet
356Kb / 12P
   500mA LDO Linear Regulators with Current-Limiting Switch
Rev 0; 7/04
logo
Skyworks Solutions Inc.
AAT4702 SKYWORKS-AAT4702 Datasheet
2Mb / 20P
   Auto-Restarting Current Limiting Load Switch with LDO Regulator
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com