Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS83948AYI-147LFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS83948AYI-147LFT
Description  LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83948AYI-147LFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS83948AYI-147LFT Datasheet HTML 2Page - Integrated Circuit Systems ICS83948AYI-147LFT Datasheet HTML 3Page - Integrated Circuit Systems ICS83948AYI-147LFT Datasheet HTML 4Page - Integrated Circuit Systems ICS83948AYI-147LFT Datasheet HTML 5Page - Integrated Circuit Systems ICS83948AYI-147LFT Datasheet HTML 6Page - Integrated Circuit Systems ICS83948AYI-147LFT Datasheet HTML 7Page - Integrated Circuit Systems ICS83948AYI-147LFT Datasheet HTML 8Page - Integrated Circuit Systems ICS83948AYI-147LFT Datasheet HTML 9Page - Integrated Circuit Systems ICS83948AYI-147LFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
83948AYI-147
www.icst.com/products/hiperclocks.html
REV. B NOVEMBER 21, 2005
6
Integrated
Circuit
Systems, Inc.
ICS83948I-147
LOW SKEW, 1-TO-12
DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
2.5V OUTPUT LOAD AC TEST CIRCUIT
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V ± 5%
-1.65V ± 5%
SCOPE
Qx
LVCMOS
V
DD,
V
DDO
-1.25V±5%
DIFFERENTIAL INPUT LEVEL
V
CMR
Cross Points
V
PP
GND
CLK
nCLK
V
DD
PART-TO-PART SKEW
PROPAGATION DELAY
odc & t
PERIOD
Clock
Outputs
0.8V
2V
2V
0.8V
tR
t F
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
OUTPUT SKEW
tsk(pp)
V
DDO
2
V
DDO
2
Qx
Qy
PART 1
PART 2
nCLK
CLK
Q0:Q11
t
PD
VDDO
2
VDD
2
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q0:Q11
LVCMOS_CLK
OUTPUT RISE/FALL TIME
Clock
Outputs
0.6V
1.8V
1.8V
0.6V
tR
t F
V
DD = VDDO = 3.3V
V
DD = VDDO = 2.5V
1.25V±5%
GND
GND
V
DD,
V
DDO


Similar Part No. - ICS83948AYI-147LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83948AYI-01 ICST-ICS83948AYI-01 Datasheet
87Kb / 11P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS83948AYI-01T ICST-ICS83948AYI-01T Datasheet
87Kb / 11P
   LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
More results

Similar Description - ICS83948AYI-147LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
83948I RENESAS-83948I Datasheet
504Kb / 14P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
logo
Integrated Device Techn...
83948I IDT-83948I_16 Datasheet
291Kb / 13P
   Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
8312I IDT-8312I_15 Datasheet
299Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8312I ICST-ICS8312I Datasheet
243Kb / 11P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
8312 IDT-8312_15 Datasheet
295Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8312I RENESAS-8312I Datasheet
493Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Fanout Buffer
December 14, 2015
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
   LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
   Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com